Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T50I0UVC2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T50I0UVC2
Description  UV Resistant Cable Tie, 12" Long, UL Rated, 50lb Tensile Strength, PA66UV, Black, 100/pkg
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T50I0UVC2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T50I0UVC2 Datasheet HTML 1Page - List of Unclassifed Manufacturers T50I0UVC2 Datasheet HTML 2Page - List of Unclassifed Manufacturers T50I0UVC2 Datasheet HTML 3Page - List of Unclassifed Manufacturers T50I0UVC2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification Sheet
Part Number: T50I0UVC2
UV Resistant Cable Tie, 12" Long, UL Rated, 50lb Tensile Strength, PA66UV, Black, 100/pkg
Article Number
111-05256
Type
T50I
Color
Black (BK)
Features & Benefits
• UV stabilized cable ties contain an inhibitor which prolongs the life
of the tie in UV exposures. • Inside serrations allow for strong grip on
cables and wire bundles. • Head design provides high tensile strength
with very low insertion force. • Bent tail ensures a quick and simple
installation.
Quantity Per
bag


Similar Part No. - T50I0UVC2

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
T50I0C2 HELLERMANNTYTON-T50I0C2 Datasheet
65Kb / 4P
Cable Tie, 12 Long, UL Rated, 50lb Tensile Strength, PA66, Black, 100/pkg
2022
T50I0M4 HELLERMANNTYTON-T50I0M4 Datasheet
65Kb / 4P
Cable Tie, 12 Long, UL Rated, 50lb Tensile Strength, PA66, Black, 1000/pkg
2022
More results

Similar Description - T50I0UVC2

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
T50I9M4UL HELLERMANNTYTON-T50I9M4UL Datasheet
76Kb / 4P
Cable Tie, 12 Long, UL Rated, 50lb Tensile Strength, PA66, Natural,1000/pkg
T18R0C2 HELLERMANNTYTON-T18R0C2 Datasheet
123Kb / 4P
Cable Tie, 4 Long, UL Rated, 18lb Tensile Strength, PA66, Black, 100/pkg
2022
T18R0UVM4 HELLERMANNTYTON-T18R0UVM4 Datasheet
124Kb / 4P
UV Resistant Cable Tie, 4" Long, UL Rated, 18lb Tensile Strength, PA66UV, Black, 1000/pkg
2022
T30R0UVC2 HELLERMANNTYTON-T30R0UVC2 Datasheet
119Kb / 4P
UV Resistant Cable Tie, 6 Long, UL Rated, 30lb Tensile Strength, PA66UV, Black, 100/pkg
2022
T50I0C2 HELLERMANNTYTON-T50I0C2 Datasheet
65Kb / 4P
Cable Tie, 12 Long, UL Rated, 50lb Tensile Strength, PA66, Black, 100/pkg
2022
T50I0M4 HELLERMANNTYTON-T50I0M4 Datasheet
65Kb / 4P
Cable Tie, 12 Long, UL Rated, 50lb Tensile Strength, PA66, Black, 1000/pkg
2022
T50R0HSC2 HELLERMANNTYTON-T50R0HSC2 Datasheet
66Kb / 4P
High-Temp Cable Tie, 8" Long, UL Rated, 50lb Tensile Strength, PA66HS, Black, 100/pkg
2022
T50R0HSM4 HELLERMANNTYTON-T50R0HSM4 Datasheet
66Kb / 4P
High-Temp Cable Tie, 8 Long, UL Rated, 50lb Tensile Strength, PA66HS, Black, 1000/pkg
2022
T50R0HSUVM4 HELLERMANNTYTON-T50R0HSUVM4 Datasheet
65Kb / 3P
High-Temp Cable Tie, 8 Long, UL Rated, 50lb Tensile Strength, PA66HSUV, Black, 1000/pkg
2021
T50R0UVC2 HELLERMANNTYTON-T50R0UVC2 Datasheet
66Kb / 4P
UV Resistant Cable Tie, 8 Long, UL Rated, 50lb Tensile Strength, PA66UV, Black, 100/pkg
2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com