Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2913 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC2913
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2913 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC2913 Datasheet HTML 8Page - Analog Devices LTC2913 Datasheet HTML 9Page - Analog Devices LTC2913 Datasheet HTML 10Page - Analog Devices LTC2913 Datasheet HTML 11Page - Analog Devices LTC2913 Datasheet HTML 12Page - Analog Devices LTC2913 Datasheet HTML 13Page - Analog Devices LTC2913 Datasheet HTML 14Page - Analog Devices LTC2913 Datasheet HTML 15Page - Analog Devices LTC2913 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTC4368
12
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
The example of Figure 4 uses standard 1% resistor values.
The following parameters were selected:
VOS(UV) = 3mV
IUV = 10nA
UVTH = 3.5V
OVTH = 18V
The resistor values can then be solved:
1. R1 + R2 =
3mV
10nA
= 300k
2. R3 = 2 •
3mV
10nA
• (3.5V – 0.5V) = 1.8M
The closest 1% value: R3 = 1.82M
3. R1 =
300k + 1.82M
2 • 18V
= 58.9k
The closest 1% value: R1 = 59K
R2 = 300K – 59K = 241K
The closest 1% value: R2 = 243K
Therefore: OV = 17.93V, UV = 3.51V.
Limiting Inrush Current During Turn On
Charging large capacitors on VOUT can lead to excessive
inrush currents when LTC4368 turns on the external
N-channel MOSFET. The maximum slew rate at the GATE
pin can be reduced by adding a capacitor on the GATE pin:
Slew Rate =
IGATE(UP)
CGATE
When both the UV and OV faults are removed, the exter-
nal MOSFETs are not immediately turned on. The input
supply must remain within the user selected power good
window for typically 32ms (tD(ON)) before the load is again
connected to the supply. This recovery timeout period
filters noise (including line noise) at the input supply and
prevents chattering of power at the load.
Procedure for Selecting UV/OV External Resistor Values
The following 3-step procedure helps select the resistor
values for the resistive divider of Figure 4. This procedure
minimizes UV and OV offset errors caused by leakage
currents at the respective pins.
1. Choose maximum tolerable offset at the UV pin,
VOS(UV). Divide by the worst case leakage current at
the UV pin, IUV (10nA). Set the sum of R1 + R2 equal
to VOS(UV) divided by 10nA. Note that due to the pres-
ence of R3, the actual offset at UV will be slightly
lower.
R1 + R2 =
VOS(UV)
IUV
2. Select the desired VIN UV trip threshold, UVTH. Find
the value of R3:
R3 =
VOS(UV)
IUV
•
UV TH – 0.5V
0.5V
⎛
⎝
⎜
⎞
⎠
⎟
3. Select the desired VIN OV trip threshold, OVTH. Find
the values of R1 and R2:
R1 =
VOS(UV)
IUV
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟ + R3
OV TH
• 0.5V
R2 =
VOS(UV)
IUV
– R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com