Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP107 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP107
Description  DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP107 Datasheet(HTML) 4 Page - ON Semiconductor

  TIP107 Datasheet HTML 1Page - ON Semiconductor TIP107 Datasheet HTML 2Page - ON Semiconductor TIP107 Datasheet HTML 3Page - ON Semiconductor TIP107 Datasheet HTML 4Page - ON Semiconductor TIP107 Datasheet HTML 5Page - ON Semiconductor TIP107 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP100 TIP101 TIP102 TIP105 TIP106 TIP107
4
Motorola Bipolar Power Transistor Device Data
20,000
0.1
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
200
0.2
0.3
0.5
1.0
2.0
10
500
1000
300
2000
3000
VCE = 4.0 V
0.7
3.0
NPN
TIP100, TIP101, TIP102
PNP
TIP105, TIP106, TIP107
Figure 9. Collector Saturation Region
3.0
0.3
IB, BASE CURRENT (mA)
1.0
0.5
1.0
2.0
10
30
1.8
IC = 2.0 A
TJ = 25°C
4.0 A
2.2
2.6
0.7
5.0
3.0
0.1
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5
1.0
2.0
5.0
10
2.5
2.0
1.5
1.0
0.5
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
Figure 10. “On” Voltages
VBE @ VCE = 4.0 V
3.0
10,000
5000
TJ = 150°C
25
°C
– 55
°C
20
IC, COLLECTOR CURRENT (AMP)
VCE = 4.0 V
TJ = 150°C
25
°C
– 55
°C
1.4
6.0 A
IB, BASE CURRENT (mA)
TJ = 25°C
IC, COLLECTOR CURRENT (AMP)
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
VBE @ VCE = 4.0 V
5.0 7.0
20,000
0.1
200
0.2
0.3
0.5
1.0
2.0
10
500
1000
300
2000
3000
0.7
3.0
10,000
5000
5.0 7.0
7000
700
3.0
7.0
3.0
0.3
1.0
0.5
1.0
2.0
10
30
1.8
2.2
2.6
0.7
5.0
20
1.4
3.0
7.0
IC = 2.0 A
4.0 A
6.0 A
0.7
7.0
3.0
0.1
0.2 0.3
0.5
1.0
2.0
5.0
10
2.5
2.0
1.5
1.0
0.5
3.0
0.7
7.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com