| Electronic Components Datasheet Search |
|
HT46R23 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R23 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 48 page ![]() Pad Assignment HT46C23 * The IC substrate should be connected to VSS in the PCB layout artwork. Pad Description Pad Name I/O Option Description PA0~PA2 PA3/PFD PA4/TMR PA5/INT PA6/SDA PA7/SCL I/O Pull-high Wake-up PA3 or PFD I/O or Serial Bus Bidirectional 8-bit input/output port. Each bit can be configured as wake-up input by options. Software instructions determine the CMOS output or Schmitt trigger input with or without pull-high resistor (determined by pull-high options: bit option). The PFD, TMR and INT are pin-shared with PA3, PA4 and PA5, respectively. Once the I 2C Bus function is used, the in- ternal registers related to PA6 and PA7 can not be used. PB0/AN0 PB1/AN1 PB2/AN2 PB3/AN3 PB4/AN4 PB5/AN5 PB6/AN6 PB7/AN7 I/O Pull-high Bidirectional 8-bit input/output port. Software instructions determine the CMOS output, Schmitt trigger input with or without pull-high resistor (deter- mined by pull-high: port option) or A/D input. Once a PB line is selected as an A/D input (by using software control), the I/O function and pull-high resistor are disabled automatically. PC0~PC4 I/O Pull-high Bidirectional 5-bit input/output port. Software instructions determine the CMOS output, Schmitt trigger input with or without pull-high resistor (deter- mine by pull-high option: port option). HT46R23/HT46C23 Rev. 1.60 3 May 3, 2004 1 2 3 4 5 6 8 7 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 ( 0 , 0 ) P A 0 P B 3 / A N 3 P B 2 / A N 2 P B 1 / A N 1 P B 0 / A N 0 V S S V S S T E S T 1 O S C 1 V D D V D D T E S T 3 T E S T 2 P A 7 / S C L O S C 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |