Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP50DG Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP50DG
Description  50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP50DG Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP50DG Datasheet HTML 1Page - Toppower Electronic Technology Limited TP50DG Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TP50DG Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 2
DESCRIPTION:
The rated output power of TP50DG converters is 50W,2:1、4:1 input voltage range ,the voltage
range is 9V-18V,18V-36V,36V-75V,9-36V,18-75V,The accuracy of the converter can reach ±1%,it
can be widely used in telecommunications, railway transportation, instrument and etc.
50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
OUTPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Output voltage accuracy
V01
±1
%
Output voltage accuracy
V02.V03
±3
%
Voltage regulation
V01
±10
%
Load regulation
V01
±0.5
%
Load regulation
V02,V03
±4.0
%
Line Regulation
V01
±0.2
%
Line Regulation
V02,V03
±1.5
%
Dynamic Response
+/-4%Vo /400us
Ripple and noise
V0≤5VDC
50
mvp-p
Ripple and noise
other
100
mvp-p
Ripple and noise
V0≥48VDC
200
mvp-p
Temperature drift coefficient
±0.02
%/℃
FEATURES
50W output power
2:1、4:1 input voltage range
Input under voltage protection
Long term short-circuit protection
Fixed switching frequency
Super capability with capacitive load
Operating temperature: -40℃to 85℃
RoHs compliance
/
SELECTION GUIDE
Part Number
Input Voltage
Output
Capacity
(uF)
Efficiency(Typ)
%
voltage(VDC)
Voltage(VDC)
Current(A)
Rated
Range values
TP50DG12S12
12(2:1)
9-18
12
4.17
88
1000
TP50DG12S24
12(2:1)
9-18
24
2.08
88
470
TP50DG12S48
12(2:1)
9-18
48
1.04
89
470
TP50DG24S12
24(2:1)
18-36
12
4.17
88
1000
TP50DG24S24
24(2:1)
18-36
24
2.08
88
470
TP50DG24S48
24(2:1)
18-36
48
1.04
89
470
TP50DG48S12
48(2:1)
36-75
12
4.17
88
1000
TP50DG48S24
48(2:1)
36-75
24
2.08
88
470
TP50DG48S48
48(2:1)
36-75
48
1.04
89
470
TP50DG24S12W
24(4:1)
9-36
12
4.17
88
1000
TP50DG24S24W
24(4:1)
9-36
24
2.08
88
470
TP50DG24S48W
24(4:1)
9-36
48
1.04
89
470
TP50DG48S12W
48(4:1)
18-75
12
4.17
88
1000
TP50DG48S24W
48(4:1)
18-75
24
2.08
88
470
TP50DG48S48W
48(4:1)
18-75
48
1.04
89
470
input voltage 9-18VDC ,start-up voltage 9.5-18VDC , input voltage 9-36VDC ,start-up voltage 9.5-36VDC.
INPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Input voltage
12V Input module(9V-18V)
9.5
12
18
VDC
Input voltage
24V Input module(18V-36V)
18
24
36
VDC
Input voltage
48V Input module(36V-75V )
36
48
75
VDC
Input voltage
24V Input module(9V-36V)
9.5
24
36
VDC
Input voltage
48V Input module(18V-75V)
18
48
75
VDC
Remote control
CNT pin is floating or connect to TTL high level
Opened
Remote control
CNTconnect to -Vin
Closed
TOPPOWER


Similar Part No. - TP50DG

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP50DC24S05 TOPPOWER-TP50DC24S05 Datasheet
370Kb / 2P
40-50W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP50DC24S05W TOPPOWER-TP50DC24S05W Datasheet
370Kb / 2P
40-50W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP50DC24S12 TOPPOWER-TP50DC24S12 Datasheet
370Kb / 2P
40-50W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP50DC24S12W TOPPOWER-TP50DC24S12W Datasheet
370Kb / 2P
40-50W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP50DC48S05 TOPPOWER-TP50DC48S05 Datasheet
370Kb / 2P
40-50W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP50DG

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10DC TOPPOWER-TP10DC Datasheet
416Kb / 4P
10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_V01 Datasheet
809Kb / 4P
40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP40DC TOPPOWER-TP40DC Datasheet
370Kb / 2P
40-50W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com