Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL100NH3LL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL100NH3LL
Description  N-CHANNEL 30V - 0.0032ohm - 25A PowerFLAT (6x5) STripFET III MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100NH3LL Datasheet(HTML) 2 Page - STMicroelectronics

  STL100NH3LL Datasheet HTML 1Page - STMicroelectronics STL100NH3LL Datasheet HTML 2Page - STMicroelectronics STL100NH3LL Datasheet HTML 3Page - STMicroelectronics STL100NH3LL Datasheet HTML 4Page - STMicroelectronics STL100NH3LL Datasheet HTML 5Page - STMicroelectronics STL100NH3LL Datasheet HTML 6Page - STMicroelectronics STL100NH3LL Datasheet HTML 7Page - STMicroelectronics STL100NH3LL Datasheet HTML 8Page - STMicroelectronics STL100NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STL100NH3LL
2/10
Table 3: Absolute Maximum ratings
Table 4: Thermal Data
Table 5: Avalanche Characteristics
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On/Off
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VGS
Gate- source Voltage
±16
V
ID (2)
Drain Current (continuous) at TC = 25°C
100
A
ID
Drain Current (continuous) at TC = 100°C
15.6
A
IDM (3)
Drain Current (pulsed)
100
A
ID (1)
Drain Current (continuous) at TC = 25°C
25
A
PTOT (2)
Total Dissipation at TC = 25°C
80
W
PTOT(1)
Total Dissipation at TC = 25°C
4
W
Derating Factor
0.03
W/°C
Tstg
Tj
Storage Temperature
Operating Junction Temperature Range
-55 to 150
°C
Rthj-C
Thermal Resistance Junction-case ( Drain)
(Steady State)
1.56
°C/W
Rthj-pcb (4)
Thermal Operating Junction-pcb
31.3
°C/W
Symbol
Parameter
Max Value
Unit
IAV
Not-Repetitive Avalanche Current
(pulse width limited by Tj max)
12.5
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAV, VDD = 24 V)
1.3
J
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125 °C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 16V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 12.5 A
VGS = 4.5V, ID =12.5 A
0.0032
0.004
0.0035
0.005



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com