Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC32040C Datasheet(PDF) 22 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 18Page - Texas Instruments TLC32040C Datasheet HTML 19Page - Texas Instruments TLC32040C Datasheet HTML 20Page - Texas Instruments TLC32040C Datasheet HTML 21Page - Texas Instruments TLC32040C Datasheet HTML 22Page - Texas Instruments TLC32040C Datasheet HTML 23Page - Texas Instruments TLC32040C Datasheet HTML 24Page - Texas Instruments TLC32040C Datasheet HTML 25Page - Texas Instruments TLC32040C Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
delay distortion, SCF clock frequency = 288 kHz
±2%, input (IN+ – IN–) is ±3-V sinewave
Refer to filter response graphs for delay distortion specifications.
TLC32040 and TLC32041 bandpass filter transfer function (see curves),
SCF clock frequency = 288 kHz,
±2%, input (IN+ – IN–) is a ±3-V sinewave (see Note 9)
PARAMETER
TEST CONDITIONS
FREQUENCY
RANGE
MIN
MAX
UNIT
f = 100 Hz
–42
f = 170 Hz
–25
Filter gain, (see Note 10)
Input signal reference is 0 dB
300 Hz
≤ f ≤ 3.4 kHz
– 0.5
0.5
dB
f = 4 kHz
–16
f
≥ 4.6 kHz
–58
low-pass filter transfer function, SCF clock frequency = 288 kHz
±2% (see Note 9)
PARAMETER
TEST CONDITIONS
FREQUENCY
RANGE
MIN
MAX
UNIT
f
≤ 3.4 kHz
– 0.5
0.5
Filter gain (see Note 10)
Output signal reference is 0 dB
f = 3.6 kHz
–4
dB
Filter gain, (see Note 10)
Output signal reference is 0 dB
f = 4 kHz
–30
dB
f
≥ 4.4 kHz
–58
serial port
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = – 300 µA
2.4
V
VOL
Low-level output voltage
IOL = 2 mA
0.4
V
II
Input current
±10
µA
Ci
Input capacitance
15
pF
Co
Output capacitance
15
pF
operating characteristics over recommended operating free-air temperature range, VCC+ = 5 V,
VCC– = –5 V, VDD = 5 V
noise (measurement includes low-pass and bandpass switched-capacitor filters)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Single ended
DX i
t
00 00 00 00 00 00 00
200
µV rms
Transmit noise
Differential
DX input = 00 00 00 00 00 00 00,
constant input code
300
500
µV rms
Differential
constant in ut code
20
dBrncO
Receive noise (see Note 11)
Inputs grounded
gain = 1
300
475
µV rms
Receive noise (see Note 11)
Inputs grounded,
gain = 1
20
dBrncO
† All typical values are at TA = 25°C.
NOTES:
9. The above filter specifications are for a switched-capacitor filter clock range of 288 kHz
±2%. For switched-capacitor filter clocks
at frequencies other than 288 kHz
±2%, the filter response is shifted by the ratio of switched-capacitor filter clock frequency to
288 kHz.
10. The filter gain outside of the passband is measured with respect to the gain at 1 kHz. The filter gain within the passband is measured
with respect to the average gain within the passband. The passbands are 300 to 3400 Hz and 0 to 3400 Hz for the bandpass and
low-pass filters respectively.
11. The noise is reffered to the input with a buffer gain of one. If the buffer gain is two or four, the noise figure is correspondingly reduced.
The noise is computed by statistically evaluating the digital output of the A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com