Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP32C Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP32C
Description  POWER TRANSISTORS COMPLEMENTARY SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP32C Datasheet(HTML) 1 Page - ON Semiconductor

  TIP32C Datasheet HTML 1Page - ON Semiconductor TIP32C Datasheet HTML 2Page - ON Semiconductor TIP32C Datasheet HTML 3Page - ON Semiconductor TIP32C Datasheet HTML 4Page - ON Semiconductor TIP32C Datasheet HTML 5Page - ON Semiconductor TIP32C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3–1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon Plastic
Power Transistors
. . . designed for use in general purpose amplifier and switching applications.
• Collector–Emitter Saturation Voltage —
VCE(sat) = 1.2 Vdc (Max) @ IC = 3.0 Adc
• Collector–Emitter Sustaining Voltage —
VCEO(sus) = 60 Vdc (Min) — TIP31A, TIP32A
VCEO(sus) = 80 Vdc (Min) — TIP31B, TIP32B
VCEO(sus) = 100 Vdc (Min) — TIP31C, TIP32C
• High Current Gain — Bandwidth Product
fT = 3.0 MHz (Min) @ IC = 500 mAdc
• Compact TO–220 AB Package
*MAXIMUM RATINGS
Rating
Symbol
TIP31A
TIP32A
TIP318
TIP32B
TIP31C
TIP32C
Unit
Collector–Emitter Voltage
VCEO
60
80
100
Vdc
Collector–Base Voltage
VCB
60
80
100
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak
IC
3.0
5.0
Adc
Base Current
IB
1.0
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
40
0.32
Watts
W/
_C
Total Power Dissipation
@ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
Watts
W/
_C
Unclamped Inductive
Load Energy (1)
E
32
mJ
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
Thermal Resistance, Junction to Case
R
θJC
3.125
_C/W
(1) IC = 1.8 A, L = 20 mH, P.R.F. = 10 Hz, VCC = 10 V, RBE = 100 Ω..
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by TIP31A/D
© Motorola, Inc. 1995
TIP31A
TIP31B
TIP31C
TIP32A
TIP32B
TIP32C
3 AMPERE
POWER TRANSISTORS
COMPLEMENTARY
SILICON
60 – 80 – 100 VOLTS
40 WATTS
*Motorola Preferred Device
*
NPN
PNP
*
*
*
CASE 221A–06
TO–220AB
REV 1


Similar Part No. - TIP32C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32C MOSPEC-TIP32C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP32C MOTOROLA-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Power Innovations Ltd
TIP32C POINN-TIP32C Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
logo
Wing Shing Computer Com...
TIP32C WINGS-TIP32C Datasheet
61Kb / 1P
Silicon Epitaxial Planar Transistor
More results

Similar Description - TIP32C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com