Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP36B Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP36B
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP36B Datasheet(HTML) 1 Page - ON Semiconductor

  TIP36B Datasheet HTML 1Page - ON Semiconductor TIP36B Datasheet HTML 2Page - ON Semiconductor TIP36B Datasheet HTML 3Page - ON Semiconductor TIP36B Datasheet HTML 4Page - ON Semiconductor TIP36B Datasheet HTML 5Page - ON Semiconductor TIP36B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon
High-Power Transistors
. . . for general–purpose power amplifier and switching applications.
• 25 A Collector Current
• Low Leakage Current — ICEO = 1.0 mA @ 30 and 60 V
• Excellent DC Gain — hFE = 40 Typ @ 15 A
• High Current Gain Bandwidth Product — hfe = 3.0 min @ IC = 1.0 A,
f = 1.0 MHz
MAXIMUM RATINGS
Rating
Symbol
TIP35A
TIP36A
TIP35B
TIP36B
TIP35C
TIP36C
Unit
Collector–Emitter Voltage
VCEO
60 V
80 V
100 V
Vdc
Collector–Base Voltage
VCB
60 V
80 V
100 V
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak (1)
IC
25
40
Adc
Base Current — Continuous
IB
5.0
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
125
1.0
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
Unclamped Inductive Load
ESB
90
mJ
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.0
_C/W
Junction–To–Free–Air Thermal Resistance
R
θJA
35.7
_C/W
(1) Pulse Test: Pulse Width = 10 ms, Duty Cycle
v 10%.
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
0
125
0
25
175
75
100
75
100
50
125
25
150
50
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by TIP35A/D
© Motorola, Inc. 1996
TIP35A
TIP35B
TIP35C
TIP36A
TIP36B
TIP36C
25 AMPERE
COMPLEMENTARY
SILICON
POWER TRANSISTORS
60 – 100 VOLTS
125 WATTS
*Motorola Preferred Device
*
NPN
PNP
*
*
*
CASE 340D–02
TO–218AC
REV 1


Similar Part No. - TIP36B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP36B MOSPEC-TIP36B Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Motorola, Inc
TIP36B MOTOROLA-TIP36B Datasheet
157Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP36B POINN-TIP36B Datasheet
93Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP36B STMICROELECTRONICS-TIP36B Datasheet
47Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Oct-1999
TIP36B STMICROELECTRONICS-TIP36B Datasheet
46Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Sep-2003
More results

Similar Description - TIP36B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com