Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFTP84 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # MMFTP84
Description  P-Channel 60 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

MMFTP84 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  MMFTP84 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd MMFTP84 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd MMFTP84 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd MMFTP84 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd MMFTP84 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd MMFTP84 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd MMFTP84 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage Variance Over Temperature
1.2
1.5
1
100
1000
0.00
0.3
0.6
0.9
TJ = 25 °C
TJ = 125 °C
VSD - Source-to-Drain Voltage (V)
10
TJ = - 55 °C
VGS = 0 V
- 0.3
- 0.2
- 0.1
- 0.0
0.1
0.2
0.3
0.4
0.5
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Junction Temperature (°C)
On-Resistance vs. Gate-Source Voltage
Single Pulse Power, Junction-to-Ambient
0
2
4
6
8
10
0246
8
10
VGS - Gate-to-Source Voltage (V)
ID = 500 mA
ID = 200 mA
0.01
0
1
2.5
3
100
600
0.1
Time (s)
1.5
2
0.5
1
10
TA = 25 °C
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
0
0
6
0
1
1
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 350 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
MMFTP84
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com