Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BV4T115D Datasheet(PDF) 1 Page - Schneider Electric

Part # BV4T115D
Description  Motor Circuit Protector, TeSys BV4, standard fault, 115A, 600Y/347 VAC, 600 to 1150 instantaneous trip, up to 100kA SCCR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BV4T115D Datasheet(HTML) 1 Page - Schneider Electric

  BV4T115D Datasheet HTML 1Page - Schneider Electric BV4T115D Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
BV4T115D
Motor Circuit Protector, TeSys BV4, standard
fault, 115A, 600Y/347 VAC, 600 to 1150
instantaneous trip, up to 100kA SCCR
Product availability : Stock - Normally stocked in distribution facility
Price* : 460.00 USD
Main
Range
TeSys
Product name
TeSys BV4
Device short name
BV4
Product or component type
Motor Circuit Protector
Device application
Motor
Performance level
Standard
Poles description
3P
Utilisation category
Category A
Trip unit technology
Magnetic
Protection type
Short-circuit
Line Rated Current
115 A 104 °F (40 °C)
Magnetic setting range
600…1150 A 104 °F (40 °C)
Control type
Toggle
Complementary
[Ue] rated operational voltage
600Y/347 V AC 50/60 Hz
Mounting mode
By screws
By clips
Mounting support
75 mm symmetrical DIN rail
35 mm symmetrical DIN rail
Plate
Mechanical durability
40000 cycles
Electrical durability
10000 cycles for AC-3 at 440 V In/2
5000 cycles for AC-3 at 440 V In
Local signalling
Presence of auxiliary contacts flag green)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Dec 10, 2020
1


Similar Part No. - BV4T115D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BV4T115J SCHNEIDER-BV4T115J Datasheet
132Kb / 2P
Motor Circuit Protector, TeSys BV4, high fault, 115A, 600Y/347 VAC, 600 to 1150 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
More results

Similar Description - BV4T115D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BV4T002D SCHNEIDER-BV4T002D Datasheet
130Kb / 2P
Motor Circuit Protector, TeSys BV4, standard fault, 2A, 600Y/347 VAC, 12 to 28 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
BV4T002J SCHNEIDER-BV4T002J Datasheet
130Kb / 2P
Motor Circuit Protector, TeSys BV4, high fault, 2A, 600Y/347 VAC, 12 to 28 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
BV4T003D SCHNEIDER-BV4T003D Datasheet
128Kb / 2P
Motor Circuit Protector, TeSys BV4, standard fault, 3.5A, 600Y/347 VAC, 21 to 49 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
BV4T013D SCHNEIDER-BV4T013D Datasheet
130Kb / 2P
Motor Circuit Protector, TeSys BV4, standard fault, 13A, 600Y/347 VAC, 53 to 195 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
BV4T025D SCHNEIDER-BV4T025D Datasheet
130Kb / 2P
Motor Circuit Protector, TeSys BV4, standard fault, 25A, 600Y/347 VAC, 110 to 360 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
BV4T025J SCHNEIDER-BV4T025J Datasheet
130Kb / 2P
Motor Circuit Protector, TeSys BV4, high fault, 25A, 600Y/347 VAC, 110 to 360 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
BV4T050D SCHNEIDER-BV4T050D Datasheet
65Kb / 2P
Motor Circuit Protector, TeSys BV4, standard fault, 50A, 600Y/347 VAC, 176 to 650 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
BV4T080D SCHNEIDER-BV4T080D Datasheet
125Kb / 2P
Motor Circuit Protector, TeSys BV4, standard fault, 80A, 600Y/347 VAC, 320 to 1150 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
BV4T080J SCHNEIDER-BV4T080J Datasheet
125Kb / 2P
Motor Circuit Protector, TeSys BV4, high fault, 80A, 600Y/347 VAC, 320 to 650 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
BV4T115J SCHNEIDER-BV4T115J Datasheet
132Kb / 2P
Motor Circuit Protector, TeSys BV4, high fault, 115A, 600Y/347 VAC, 600 to 1150 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com