Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCU877ZQL Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCU877ZQL
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877ZQL Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCU877ZQL Datasheet HTML 2Page - Texas Instruments CDCU877ZQL Datasheet HTML 3Page - Texas Instruments CDCU877ZQL Datasheet HTML 4Page - Texas Instruments CDCU877ZQL Datasheet HTML 5Page - Texas Instruments CDCU877ZQL Datasheet HTML 6Page - Texas Instruments CDCU877ZQL Datasheet HTML 7Page - Texas Instruments CDCU877ZQL Datasheet HTML 8Page - Texas Instruments CDCU877ZQL Datasheet HTML 9Page - Texas Instruments CDCU877ZQL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
CDCU877,, CDCU877A
1.8-V PHASE LOCK LOOP CLOCK DRIVER
SCAS688D – JUNE 2005 – REVISED JULY 2007
over recommended operating free-air temperature range (unless otherwise noted)
AVDD ,
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VDDQ
VIK
Input
II = 18 mA
1.7
-1.2
V
IOH = –100 μA
1.7 to 1.9
VDDQ – 0.2
VOH
High-level output voltage
V
IOH = –9 mA
1.7
1.1
IOL = 100 μA
0.1
VOL
Low-level output voltage
V
IOL = 9 mA
1.7
0.6
IO(DL)
Low-level output current, dissabled
VO(DL) = 100 mV, OE = L
1.7
100
μA
VOD
Differential output voltage(1)
1.7
0.5
V
CK, CK
1.9
±250
II
Input current
μA
OE, OS,
1.9
±10
FBIN, FBIN
IDD(LD)
Supply current, static (IDDQ + IADD)
CK and CK = L
1.9
500
μA
CK and CK = 270 MHz. All
outputs are open (not connected
1.9
135
Supply current, dynamic (IDDQ + IADD)
to a PCB)
IDD
mA
(see Note (2) for CPD calculation)
All outputs are loaded with 2 pF
1.9
235
and 120-
Ω termination resistor
CK, CK
1.8
2
3
CI
Input capacitance
VI = VDD or GND
FBIN, FBIN
1.8
2
3
pF
CK, CK
1.8
0.25
CI(Δ)
Change in input current
VI = VDD or GND
FBIN, FBIN
1.8
0.25
(1)
VOD is the magnitude of the difference between the true and complimentary outputs. See Figure 9 for a definition.
(2)
Total IDD = IDDQ + IADD = fCK × CPD × VDDQ, solving for CPD = (IDDQ + IADD)/(fCK × VDDQ) where fCK is the input frequency, VDDQ is the
power supply, and CPD is the power dissipation capacitance.
over recommended operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Clock frequency (operating)(1)(2)
10
400
MHz
fCK
Clock frequency (application)(1)(3)
160
340
MHz
AVDD, VDD = 1.8 V ±0.1 V
tDC
Duty cycle, input clock
40%
60%
tL
Stabiliztion time (4)
12
μs
(1)
The PLL must be able to handle spread spectrum induced skew.
(2)
Operating clock frequency indicates a range over which the PLL must be able to lock, but in which it is not required to meet the other
timing parameters (used for low speed system debug).
(3)
Application clock frequency indicates a range over which the PLL must meet all timing parameters.
(4)
Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal after
power up. During normal operation, the stabilization time is also the time required for the integrated PLL circuit to obtain phase lock of
its feedback signal to its reference signal when CK and CK go to a logic low state, enter the power-down mode and later return to active
operation. CK and CK may be left floating after they have been driven low for one complete clock cycle.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com