Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCE028LD3VC4B Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SCE028LD3VC4B
Description  Voltage Rating: 16 to 28 VDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SCE028LD3VC4B Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SCE028LD3VC4B Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
-40° to +85° C
Frequency:
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
ROHS Compliant
Used to attach part to panel. The max recommended torque is 10 in-lbs.
1.6 oz (45g)
Approved with use of ACC03.
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Knurled Nut:
2900 ± 500 Hz
2900 ± 500 Hz
2900 ± 500 Hz
Connection:
T-BLOCK ONLY
Weight (Typical):
cUL Recognition:
Please contact factory.
Options:
Inches (mm)
cUL Recognized
1
1
1
T-BLOCK; YELLOW
WIRE TO (-)
75 to 85 dB(A) Typ.
65 to 75 dB(A) Typ.
-40° to +85° C
Voltage Rating:
16 to 28 VDC
T-BLOCK; BLUE WIRE
TO (-)
Specifications:
SCE028LD3VC4B
A
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Sound Level Category:
Mode of Operation:
Dimensions:
Housing Material:
Storage Temperature:
Operating Temperature
Panel Mounting:
NEMA 3R,4X, & 12:
Loud
Loudness @ 2 FT:
6/6 Nylon, Color: Black
Pulse Rate (PPS):
Current Draw:
40mA MAX
85 to 95 dB(A) Typ.
Soft
Slow Pulse
Slow Pulse
Slow Pulse
Medium
N
O
Made in U.S.A.
S
T
®
R
Solutions
L E
A


Similar Part No. - SCE028LD3VC4B

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SCE028LD3VC4F MSPI-SCE028LD3VC4F Datasheet
77Kb / 1P
Voltage Rating: 16 to 28 VDC
SCE028LD3VC4S MSPI-SCE028LD3VC4S Datasheet
81Kb / 1P
Voltage Rating: 16 to 28 VDC
More results

Similar Description - SCE028LD3VC4B

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SCE028SD3CTB MSPI-SCE028SD3CTB Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VDC
SCE028SD3DP2B MSPI-SCE028SD3DP2B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VDC
SCE028SD3FP1B MSPI-SCE028SD3FP1B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VDC
SCE028SD3SS1B MSPI-SCE028SD3SS1B Datasheet
54Kb / 1P
Voltage Rating 16 to 28 VDC
SCE028SD3SU2B MSPI-SCE028SD3SU2B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VDC
SCE028SD3SV1B MSPI-SCE028SD3SV1B Datasheet
54Kb / 1P
Voltage Rating 16 to 28 VDC
SCE028XD3DP3B MSPI-SCE028XD3DP3B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VDC
SCE028LD3VC1F MSPI-SCE028LD3VC1F Datasheet
77Kb / 1P
Voltage Rating: 16 to 28 VDC
SCE028LD3VC2S MSPI-SCE028LD3VC2S Datasheet
81Kb / 1P
Voltage Rating: 16 to 28 VDC
SCE028LD3VC3F MSPI-SCE028LD3VC3F Datasheet
77Kb / 1P
Voltage Rating: 16 to 28 VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com