Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16240 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT16240
Description  16-bit inverting buffer/driver; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16240 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT16240 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
9397 750 15192
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
3 of 16
Philips Semiconductors
74ALVT16240
16-bit inverting buffer/driver; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 3.
Pin configuration
16240
1OE
2OE
1Y0
1A0
1Y1
1A1
GND
GND
1Y2
1A2
1Y3
1A3
VCC
VCC
2Y0
2A0
2Y1
2A1
GND
GND
2Y2
2A2
2Y3
2A3
3Y0
3A0
3Y1
3A1
GND
GND
3Y2
3A2
3Y3
3A3
VCC
VCC
4Y0
4A0
4Y1
4A1
GND
GND
4Y2
4A2
4Y3
4A3
4OE
3OE
001aad263
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Table 3:
Pin description
Symbol
Pin
Description
1OE
1
output enable input (active LOW)
1Y0
2
data output
1Y1
3
data output
GND
4
ground (0 V)
1Y2
5
data output
1Y3
6
data output
VCC
7
supply voltage
2Y0
8
data output
2Y1
9
data output
GND
10
ground (0 V)
2Y2
11
data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com