Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4006BM1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4006BM1
Description  18-STAGE STATIC SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4006BM1 Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4006BM1 Datasheet HTML 1Page - STMicroelectronics HCF4006BM1 Datasheet HTML 2Page - STMicroelectronics HCF4006BM1 Datasheet HTML 3Page - STMicroelectronics HCF4006BM1 Datasheet HTML 4Page - STMicroelectronics HCF4006BM1 Datasheet HTML 5Page - STMicroelectronics HCF4006BM1 Datasheet HTML 6Page - STMicroelectronics HCF4006BM1 Datasheet HTML 7Page - STMicroelectronics HCF4006BM1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HCF4006B
2/8
INPUT EQUIVALENT CIRCUIT
FUNCTIONAL DIAGRAM
PIN DESCRIPTION
TRUTH TABLE FOR SHIFT REGISTER STAGE
TRUTH TABLE FOR OUTPUT FROM PIN 2
* : Level Change
X : Don’t Care
LOGIC DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
1, 4, 5, 6
D1 to D4
Data inputs
2
D1+4’
Delayed Optional Output
13, 11, 10, 8
Dn + 4
4 stage shift register
Output
12, 9
Dn + 5
5 stage shift register
Output
3
CLOCK
Clock Input
7
VSS
Negative Supply Voltage
14
VDD
Positive Supply Voltage
D
CLOCK*
D + 1
LL
HH
X
NO CHANGE
D1 + 4
CLOCK*
D1 + 4’
LL
HH
X
NO CHANGE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com