Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL66B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL66B
Description  Optocoupler, Photodarlington Output, With Internal RBE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL66B Datasheet(HTML) 2 Page - Vishay Siliconix

  IL66B Datasheet HTML 1Page - Vishay Siliconix IL66B Datasheet HTML 2Page - Vishay Siliconix IL66B Datasheet HTML 3Page - Vishay Siliconix IL66B Datasheet HTML 4Page - Vishay Siliconix IL66B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 83639
Rev. 1.5, 26-Oct-04
IL66B
Vishay Semiconductors
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter breakdown voltage
BVCEO
60
V
Emitter-collector breakdown voltage
BVECO
5.0
V
Power dissipation
Pdiss
200
mW
Derate linearly from 25 °C
2.6
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage
t = 1.0 sec.
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Total dissipation
Ptot
250
mW
Derate linearly
from 25 °C
3.3
mW/°C
Creepage path
7min mm
Clearance path
7min mm
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Lead soldering time
at 260 °C
Tsld
10
sec.
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
1.25
1.5
V
Reverse current
VR = 3.0 V
IR
0.01
100
µA
Capacitance
VR = 0
CO
25
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter breakdown
voltage
IC = 100 µABVCEO
60
V
Collector-emitter leakage
current
VCE = 50 V, IF = 0
ICEO
1.0
100
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Saturation voltage
IC = 10 mA
VCEsat
1.0
V
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Current Transfer Ratio
IF = 2.0 mA, VCE = 5.0 V
IL66B-1
CTR
200
%
IL66B-2
CTR
750
1000
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com