Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGLP030 Datasheet(PDF) 3 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 3 Page - Actel Corporation

  AGLP030_V01 Datasheet HTML 1Page - Actel Corporation AGLP030_V01 Datasheet HTML 2Page - Actel Corporation AGLP030_V01 Datasheet HTML 3Page - Actel Corporation AGLP030_V01 Datasheet HTML 4Page - Actel Corporation AGLP030_V01 Datasheet HTML 5Page - Actel Corporation AGLP030_V01 Datasheet HTML 6Page - Actel Corporation AGLP030_V01 Datasheet HTML 7Page - Actel Corporation AGLP030_V01 Datasheet HTML 8Page - Actel Corporation AGLP030_V01 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
III
IGLOO PLUS Ordering Information
Notes:
1. Marking information: IGLOO PLUS V2 devices do not have a V2 marking, but IGLOO PLUS V5 devices are marked accordingly.
2. "G" indicates RoHS-compliant packages.
Supply Voltage
2 = 1.2 V to 1.5 V
5 = 1.5 V only
AGLP125
V2
CS
_
Part Number
Package Type
289
I
Package Lead Count
G
Lead-Free Packaging
Application (Temperature Range)
Blank = Commercial (0°C to +70°C ambient temperature)
I = Industrial (
–40°C to +85°C ambient temperature)
Blank = Standard Packaging
G= RoHS-Compliant Packaging
PP = Pre-Production
ES = Engineering Sample (room temperature only)
30,000 System Gates
AGLP030 =
60,000 System Gates
AGLP060 =
125,000 System Gates
AGLP125 =
CS = Chip Scale Package (0.5 mm and 0.8 mm pitches)
VQ = Very Thin Quad Flat Pack (0.4 mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com