Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCD40 Datasheet(PDF) 2 Page - SL Power Electronics

Part # DCD40
Description  DCx40 DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

DCD40 Datasheet(HTML) 2 Page - SL Power Electronics

  DCD40 Datasheet HTML 1Page - SL Power Electronics DCD40 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
105
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
DCx40 DC/DC Converters
A.To maintain these regulation conditions, the 5.1 V current must be at least 20% of V2 and not greater than five times the V2 current, and requires +5.1 V to be adjusted within ±1%, with at least a
0.4 A load.
B. Replace “x” with “D” for 24 Vdc input or “G” for 48 Vdc input.
DCx40 MECHANICAL SPECIFICATIONS
)
B
(
l
e
d
o
M
.
o
N
t
u
p
t
u
O
t
u
p
t
u
O
d
a
o
L
m
u
m
i
n
i
M
t
n
e
r
r
u
C
n
o
i
t
a
l
u
g
e
R
l
a
t
o
T
P
V
O
e
s
i
o
N
d
n
a
e
l
p
p
i
R
s
e
t
o
N
A
0
4
x
C
D1
V
1
.
5
+A
4
.
0A
4%
2V
6
.
0
±
2
.
6%
1
2V
2
1
+A
2
.
0A
2%
6%
1A
3V
2
1
-A
0A
4
.
0%
5%
1
B
0
4
x
C
D1
V
1
.
5
+A
4
.
0A
4%
2V
6
.
0
±
2
.
6%
1
2V
5
1
+A
2
.
0A
2%
6%
1A
3V
5
1
-A
0A
4
.
0%
5%
1
D
0
4
x
C
D1
V
1
.
5
+A
4
.
0A
4%
2V
6
.
0
±
2
.
6%
1
2V
4
2
+A
1
.
0A
1%
6%
1A
3V
2
1
-A
0A
4
.
0%
5%
1
5
-
0
4
x
C
D1
A
8
.
7%
2V
6
.
0
±
2
.
6%
1
2
1
-
0
4
x
C
D1
A
3
.
3%
2V
1
.
1
±
4
1%
1
5
1
-
0
4
x
C
D1
A
7
.
2%
2V
5
.
1
±
5
.
8
1%
1
4
2
-
0
4
x
C
D1
A
7
.
1%
2V
5
.
2
±
8
2%
1
8
2
-
0
4
x
C
D1
A
4
.
1%
2V
8
.
2
±
4
3%
1
Dimensions:
Inches
Millimeters
l
a
t
n
e
m
n
o
r
i
v
n
E
n
o
i
t
a
c
i
f
i
c
e
p
S
g
n
i
t
a
r
e
p
O
g
n
i
t
a
r
e
p
o
-
n
o
N
)
A
(
e
r
u
t
a
r
e
p
m
e
T0
5
o
t
0
oC5
8
+
o
t
0
4
-
oC
)
A
(
y
t
i
d
i
m
u
HH
R
%
5
9
o
t
0H
R
%
5
9
o
t
0
)
B
(
k
c
o
h
Sg
0
2
k
p
g
0
4
k
p
e
d
u
t
i
t
l
At
f
0
0
0
,
0
1
o
t
0
0
5
-t
f
0
0
0
,
0
4
o
t
0
0
5
-
)
C
(
n
o
i
t
a
r
b
i
Vg
5
.
1
s
m
r
g
3
0
0
.
0
,
2
z
H
/g
5
s
m
r
g
6
2
0
.
0
,
2
z
H
/
A. Units should be allowed to warm up/operate under non-condensing conditions before application of
power. Derated output current and toal output power by 2.5% per ºC above 50ºC.
B.Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz, 3 orthogonal axes.Tested
for 10 min./axis operating and 1 hr./axis non-operating.
C. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogonal axes, total 6 shocks.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com