Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2406 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2406
Description  Silicon PNP epitaxial planer type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2406 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2406 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2406 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2406 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SA1034, 2SA1035
Silicon PNP epitaxial planer type
For low-frequency and low-noise amplification
Complementary to 2SC2405 and 2SC2406
s Features
q
Low noise voltage NV.
q
High foward current transfer ratio hFE.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–35
–55
–35
–55
–5
–100
–50
200
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
2SA1034
2SA1035
2SA1034
2SA1035
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter voltage
Transition frequency
Noise voltage
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE
*1
VCE(sat)
VBE
fT
NV
Conditions
VCB = –10V, IE = 0
VCE = –10V, IB = 0
IC = –10µA, IE = 0
IC = –2mA, IB = 0
IE = –10µA, IC = 0
VCE = –5V, IC = –2mA
IC = –100mA, IB = –10mA
*2
VCE = –1V, IC = –100mA
*2
VCB = –5V, IE = 2mA, f = 200MHz
VCE = –10V, IC = –1mA, GV = 80dB
Rg = 100kΩ, Function = FLAT
min
–35
–55
–35
–55
–5
180
typ
– 0.7
200
max
–100
–1
700
– 0.6
–1.0
150
Unit
nA
µA
V
V
V
V
V
MHz
mV
*h
FE1 Rank classification
Rank
R
S
T
hFE
180 ~ 360
260 ~ 520
360 ~ 700
2SA1034
FR
FS
FT
2SA1035
HR
HS
HT
Marking symbol :
F(2SA1034)
H(2SA1035)
Unit: mm
1:Base
JEDEC:TO–236
2:Emitter
EIAJ:SC–59
3:Collector
Mini Type Package
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
*2 Pulse measurement
Marking
Symbol
2SA1034
2SA1035
2SA1034
2SA1035


Similar Part No. - 2SC2406

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2406 PANASONIC-2SC2406 Datasheet
50Kb / 3P
Silicon NPN epitaxial planer type
2SC2406 PANASONIC-2SC2406 Datasheet
236Kb / 5P
Si NPN Triple Diffused Mesa
logo
Guangdong Kexin Industr...
2SC2406 KEXIN-2SC2406 Datasheet
37Kb / 1P
Silicon PNP Epitaxial Planar Type
logo
NXP Semiconductors
2SC2406;TT;SOT-23 PHILIPS-2SC2406;TT;SOT-23 Datasheet
75Kb / 12P
Single Zener diodes
Rev. 01-1 March 2007
logo
Panasonic Semiconductor
2SC2406R PANASONIC-2SC2406R Datasheet
236Kb / 5P
Si NPN Triple Diffused Mesa
More results

Similar Description - 2SC2406

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
Silicon PNP epitaxial planer type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com