Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1163040 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1163040
Description  Three-point gripper
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1163040 Datasheet(HTML) 1 Page - Festo Corporation.

  1163040 Datasheet HTML 1Page - Festo Corporation. 1163040 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Three-point gripper
HGDD-40-A
Part number: 1163040
Data sheet
Feature
Value
Size
40
Stroke per gripper jaw
6 mm
Max. interchangeability
≤0.2 mm
Max. gripper jaw angular play ax, ay
≤0.1 deg
Max. gripper jaw backlash Sz
≤0.05 mm
Rotational symmetry
≤0.2 mm
Pneumatic gripper repetition accuracy
≤0.03 mm
Type code
HGDD
Number of gripper jaws
3
Mounting position
Any
Mode of operation
Double-acting
Gripper function
3-point
Design
Inclined plane
Positively driven motion sequence
Position sensing
For proximity sensor
Symbol
00991894
Total gripping force at 6 bar, opening
648 N
Total gripping force at 6 bar, closing
600 N
Operating pressure
3 bar ... 8 bar
Operating pressure for sealing air
0 bar ... 0.5 bar
Max. operating frequency of pneumatic gripper
≤4 Hz
Min. opening time at 6 bar
78 ms
Min. closing time at 6 bar
106 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Degree of protection
IP65
Ambient temperature
5 °C ... 60 °C
Gripping force per gripper jaw at 6 bar, opening
216 N
Gripping force per gripper jaw at 6 bar, closing
200 N
Mass moment of inertia
3.331 kgcm²
Maximum force on gripper jaw Fz, static
700 N
Maximum torque on gripper jaw, Mx static
25 Nm
Maximum torque on gripper jaw, My static
18 Nm
Maximum torque on gripper jaw, Mz static
20 Nm
Relubrication interval for guidance elements
5 MioCyc
12/15/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 1163040

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1163041 FESTO-1163041 Datasheet
97Kb / 2P
Three-point gripper
1163042 FESTO-1163042 Datasheet
95Kb / 2P
Three-point gripper
1163043 FESTO-1163043 Datasheet
93Kb / 2P
Three-point gripper
1163044 FESTO-1163044 Datasheet
95Kb / 2P
Three-point gripper
1163045 FESTO-1163045 Datasheet
93Kb / 2P
Three-point gripper
More results

Similar Description - 1163040

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DHDS-32-A-NC FESTO-DHDS-32-A-NC Datasheet
89Kb / 2P
Three-point gripper
DHDS-50-A FESTO-DHDS-50-A Datasheet
83Kb / 2P
Three-point gripper
HGDT-25-A-G2 FESTO-HGDT-25-A-G2 Datasheet
95Kb / 2P
Three-point gripper
HGDT-35-A-F-G1 FESTO-HGDT-35-A-F-G1 Datasheet
96Kb / 2P
Three-point gripper
HGDT-40-A FESTO-HGDT-40-A Datasheet
91Kb / 2P
Three-point gripper
HGDT-40-A-F-G1 FESTO-HGDT-40-A-F-G1 Datasheet
96Kb / 2P
Three-point gripper
HGDT-63-A-G2 FESTO-HGDT-63-A-G2 Datasheet
96Kb / 2P
Three-point gripper
HGDD-35-A-G1 FESTO-HGDD-35-A-G1 Datasheet
97Kb / 2P
Three-point gripper
HGDD-35-A-G2 FESTO-HGDD-35-A-G2 Datasheet
95Kb / 2P
Three-point gripper
HGDD-63-A FESTO-HGDD-63-A Datasheet
91Kb / 2P
Three-point gripper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com