Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2S Datasheet(PDF) 1 Page - Semikron International

Part # MB2S
Description  Surface Mount Si-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

MB2S Datasheet(HTML) 1 Page - Semikron International

  MB2S Datasheet HTML 1Page - Semikron International MB2S Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Square bridge
Surface Mount Si-Bridge
Rectifiers
MB2S ... MB6S
Forward Current: 0,8 A
Reverse Voltage: 80 to 600 V
Publish Data
Features
Mechanical Data
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
MB2S ... MB6S
1
23-03-2005 SCT
© by SEMIKRON


Similar Part No. - MB2S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB2S FAIRCHILD-MB2S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB2S GE-MB2S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2S MCC-MB2S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB2S BILIN-MB2S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
MB2S TAITRON-MB2S Datasheet
145Kb / 4P
0.5A Surface Mount Bridge Rectifier
More results

Similar Description - MB2S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MYS40 DIOTEC-MYS40 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
S40 DIOTEC-S40 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
B40S DIOTEC-B40S Datasheet
140Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Semikron International
B40S SEMIKRON-B40S Datasheet
164Kb / 2P
Surface Mount Si-Bridge Rectifiers
S40 SEMIKRON-S40 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40S2A DIOTEC-B40S2A Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers
MYS40 DIOTEC-MYS40_07 Datasheet
117Kb / 2P
Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_07 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_06 Datasheet
121Kb / 2P
Surface Mount Si-Bridge-Rectifiers
MS40 DIOTEC-MS40_11 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com