Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSK-45 Datasheet(PDF) 2 Page - CUI INC

Part # PSK-45
Description  INTERNAL AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSK-45 Datasheet(HTML) 2 Page - CUI INC

  PSK-45 Datasheet HTML 1Page - CUI INC PSK-45 Datasheet HTML 2Page - CUI INC PSK-45 Datasheet HTML 3Page - CUI INC PSK-45 Datasheet HTML 4Page - CUI INC PSK-45 Datasheet HTML 5Page - CUI INC PSK-45 Datasheet HTML 6Page - CUI INC PSK-45 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 07/13/2020
│ page 2 of 7
CUI Inc
│ SERIES: PSK-45 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
ac input
dc input
85
100
264
370
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
1.5
0.75
A
inrush current
at 115 Vac
at 230 Vac
50
70
A
no load power consumption
at 230 Vac
0.5
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5 Vdc output
12 Vdc output
15 Vdc output
24 Vdc output
48 Vdc output
30,000
6,400
5,600
2,000
600
μF
initial set point accuracy
at full load
±2
%
line regulation
rated load
±0.5
%
load regulation
0%~100% load
±1.0
%
hold-up time
at 115 Vac
at 230 Vac
8
50
ms
temperature coefficient
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
5 Vdc output, clamp or hiccup
12 Vdc output, clamp or hiccup
15 Vdc output, clamp or hiccup
24 Vdc output, clamp or hiccup
48 Vdc output, clamp or hiccup
9
16
24
35
56
V
over current protection
auto recovery
110
%
short circuit protection
hiccup, continuous, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
4,000
Vac
safety approvals
UL/cUL, EN, IEC 62368
safety class
Class II
EMI/EMC
CISPR 32/EN 55032 Class B
ESD
IEC/EN 61000-4-2 Contact ±6KV/Air ±8KV, perf. Criteria B
radiated immunity
IEC/EN 61000-4-3 10 V/m, perf. Criteria A
EFT/burst
IEC/EN 61000-4-4 ±4KV, perf. Criteria B
surge
IEC/EN 61000-4-5 line to line +/-2kV/line to ground +/-4kV (see recommended EMC circuit)
IEC/EN 61000-4-5 line to line +/-1kV perf. Criteria B
conducted immunity
IEC/EN 61000-4-6 10 Vr.m.s, perf. Criteria A
voltage dips and interruption
IEC/EN 61000-4-11 0%, 70%, perf. Criteria B
MTBF
per MIL-HDBK-217F at 25 °C
300,000
hours
RoHS
yes
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com