Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1112 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1112
Description  Triple Low Dropout Regulator Controllers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1112 Datasheet HTML 1Page - Semtech Corporation SC1112 Datasheet HTML 2Page - Semtech Corporation SC1112 Datasheet HTML 3Page - Semtech Corporation SC1112 Datasheet HTML 4Page - Semtech Corporation SC1112 Datasheet HTML 5Page - Semtech Corporation SC1112 Datasheet HTML 6Page - Semtech Corporation SC1112 Datasheet HTML 7Page - Semtech Corporation SC1112 Datasheet HTML 8Page - Semtech Corporation SC1112 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Electrical Characteristics
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
D
N
G
o
t
Y
B
T
S
V
5
7
+
o
t
3
.
0
-V
D
N
G
o
t
N
E
S
T
T
V
5
o
t
3
.
0
-V
D
N
G
o
t
N
E
S
P
G
A
5
o
t
3
.
0
-V
D
N
G
o
t
N
E
S
J
D
A
5
o
t
3
.
0
-V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OT
A
0
7
+
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JT
J
5
2
1
+
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
L
0
0
3C
°
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
0
3
1W
/
C
°
e
s
a
C
o
t
n
o
i
t
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
C
J
0
3W
/
C
°
)
l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
i
t
a
R
D
S
ED
S
E2
V
k
Unless specified: 5VSTBY=4.75V to 5.25V; VTTIN=3.3V; T
A = 25°C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
Y
B
T
S
V
5
(
y
l
p
p
u
S
e
g
a
t
l
o
V
y
l
p
p
u
S
Y
B
T
S
V
5
5
7
.
45
5
2
.
5V
t
n
e
r
r
u
C
y
l
p
p
u
S
I
Y
B
T
S
V
5
Y
B
T
S
V
5V
5
=6
8
2
1A
m
n
o
i
t
c
e
t
o
r
P
t
i
u
c
r
i
C
t
r
o
h
S
T
T
V
d
l
o
h
s
e
r
h
T
r
e
m
i
T
y
a
l
e
D
t
i
u
c
r
i
C
t
r
o
h
S
T
T
V
)
4
(
C
S
h
T
5
.
1V
e
m
i
T
y
a
l
e
D
t
i
u
c
r
i
C
t
r
o
h
S
T
T
V
)
4
(
C
S
d
t
C
S
*
y
a
l
e
d
C
(
H
T
I
/
)
C
S
S
t
n
e
r
r
u
C
e
c
r
u
o
S
y
a
l
e
D
t
i
u
c
r
i
C
t
r
o
h
S
T
T
V
)
4
(
I
C
S
6
12
28
2A
µ
d
l
o
h
s
e
r
h
T
t
i
u
c
r
i
C
t
r
o
h
S
T
T
V
)
4
(
C
S
T
T
V
h
T
0
5
60
0
70
5
7V
m
d
o
o
G
r
e
w
o
P
T
T
V
d
l
o
h
s
e
r
h
T
r
e
m
i
T
y
a
l
e
D
D
G
R
W
P
)
5
(
G
P
H
T
_
y
a
l
e
D
0
5
4
.
10
0
5
.
10
5
5
.
1V
d
l
o
h
s
a
e
r
h
T
D
G
R
W
P
)
5
(
G
P
2
.
1
_
H
T
0
6
0
.
15
8
0
.
10
1
1
.
1V
d
l
o
h
s
a
e
r
h
T
D
G
R
W
P
)
5
(
G
P
5
.
1
_
H
T
0
3
3
.
10
5
3
.
10
9
3
.
1V
e
m
i
T
y
a
l
e
D
D
G
R
W
P
)
5
(
G
P
2
.
1
_
d
t
G
P
*
y
a
l
e
d
C
(
2
.
1
_
H
T
I
/
)
G
P
S
e
m
i
T
y
a
l
e
D
D
G
R
W
P
)
5
(
G
P
5
.
1
_
d
t
G
P
*
y
a
l
e
d
C
(
5
.
1
_
H
T
I
/
)
G
P
S
t
n
e
r
r
u
C
e
c
r
u
o
S
D
G
R
W
P
)
5
(
I
G
P
6
12
28
2A
µ
s
n
o
i
t
c
e
S
r
a
e
n
i
L
d
l
o
h
s
e
r
h
T
y
l
p
p
u
S
t
u
p
n
I
T
T
V
N
I
T
T
V
H
T
5
4
.
12
5
.
15
5
.
1V
e
c
n
e
r
e
f
f
i
D
g
n
i
k
c
a
r
T
)
3
(
)
1
(
a
t
l
e
D
K
C
A
R
T
V
N
I
,
V
0
3
.
3
=
I
O
A
0
=
0
0
2V
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com