Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1112TSTR Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC1112TSTR
Description  Triple Low Dropout Regulator Controllers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112TSTR Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC1112TSTR Datasheet HTML 13Page - Semtech Corporation SC1112TSTR Datasheet HTML 14Page - Semtech Corporation SC1112TSTR Datasheet HTML 15Page - Semtech Corporation SC1112TSTR Datasheet HTML 16Page - Semtech Corporation SC1112TSTR Datasheet HTML 17Page - Semtech Corporation SC1112TSTR Datasheet HTML 18Page - Semtech Corporation SC1112TSTR Datasheet HTML 19Page - Semtech Corporation SC1112TSTR Datasheet HTML 20Page - Semtech Corporation SC1112TSTR Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Short Circuit Protection
The VTT short circuit protection feature of the SC1112 is
implemented by using the R
DS(ON) of the MOS.ET. As the
output current increases, the regulation loop maintains
the output voltage by turning the .ET on more and more.
Eventually, as the R
DS(ON) limit is reached, the MOS.ET will
be unable to turn on any further, and the output
voltage will start to fall. When the VTT output voltage falls
to approximately 700mV, the LDO controller is latched off,
setting output voltage to 0V. Power must be cycled to re-
set the latch.
To prevent false latching due to capacitor inrush currents
or low supply rails, the current limit latch is initially
disabled. It is enabled once the short circuit delay time
has elapsed. Timing diagram on pages 4 to 5 will show a
detailed operation of the Short circuit protection circuitry.
To be most effective, the MOS.ET R
DS(ON) should not be
selected artificially low. The MOS.ET should be
chosen so that at maximum required current, it is almost
fully turned on. If, for example, a supply of 1.5V at 4A is
required from a 3.3V ± 5% rail, the maximum allowable
R
DS(ON) would be:
()
Ω
≈
•
−
•
=
m
400
4
025
.
1
5
.
1
3
.
3
95
.
0
R
)
MAX
)(
ON
(
DS
To allow for temperature effects 200mΩ would be a
suitable room temperature maximum, allowing a peak
short circuit current of approximately 15A for a short time
before shutdown.
Capacitor Selection
Output Capacitors: low ESR aluminum electrolytic or tan-
talum capacitors are recommended for bulk
capacitance, with ceramic bypass capacitors for decoupling
high frequency transients.
Input Capacitors: placement of low ESR aluminum
electrolytic or tantalum capacitors at the input to the
MOS.ET (VTTIN) will help to hold up the power supply
during fast load changes, thus improving overall transient
response. The +5VSTBY supply should be bypassed with a
10µ. ceramic capacitor.
Layout Guidelines
One of the advantages of using the SC1112 to drive an
external MOS.ET is that the bandgap reference and
control circuitry do not need to be located right next to the
power device, thus a very accurate output voltage can be
obtained since heating effects will be minimal.
The 0.1µ. bypass capacitor should be located close to the
+5VSTBY supply pin, and connected directly to the ground
plane. The ground pin of the device should also be con-
nected directly to the ground plane. The sense or adjust
pin does not need to be close to the output voltage plane,
but should be routed to avoid noisy traces if at all pos-
sible.
Power dissipation within the device is practically
negligible, requiring no special consideration during
layout.
Applications Infomation (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com