Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8421 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8421
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8421 Datasheet HTML 6Page - Analog Devices AD8421 Datasheet HTML 7Page - Analog Devices AD8421 Datasheet HTML 8Page - Analog Devices AD8421 Datasheet HTML 9Page - Analog Devices AD8421 Datasheet HTML 10Page - Analog Devices AD8421 Datasheet HTML 11Page - Analog Devices AD8421 Datasheet HTML 12Page - Analog Devices AD8421 Datasheet HTML 13Page - Analog Devices AD8421 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LTC6373
10
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Negative PSRR vs Frequency, RTI
Long Term Differential RTI Offset
Voltage Drift
Input Referred 0.1Hz to 10Hz
Voltage Noise (G = 16)
Input Referred 0.1Hz to 10Hz
Voltage Noise (G = 8)
Input Referred 0.1Hz to 10Hz
Voltage Noise (G = 4)
Input Referred 0.1Hz to 10Hz
Voltage Noise (G = 2)
Input Referred 0.1Hz to 10Hz
Voltage Noise (G = 1)
V+ = V+OUT = 15V, V– = –15V, VICM = VOCM = 0V, TA = 25°C, G = 1, unless otherwise noted.
Input Referred Voltage Noise
Density vs Frequency
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
40
50
60
70
80
90
100
110
120
130
140
Negative PSRR vs Frequency, RTI
6373 G25
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1
10
100
1000
Density vs Frequency
6373 G28
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
TIME (1s/DIV)
6373 G29
TIME (1s/DIV)
6373 G30
TIME (1s/DIV)
6373 G31
TIME (1s/DIV)
6373 G32
TIME (1s/DIV)
6373 G33
Slew Rate vs Temperature
G = 16
VOUTDIFF = 40VP-P STEP
RL = 2kΩ
SLEW RATE MEASURED 10% TO 90%
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
10
11
12
13
14
15
16
17
18
19
20
Slew Rate vs Temperature
6373 G26
G = 16
6 UNITS, SOLDERED TO PCB
TIME (HOURS)
0
250 500 750 1000 1250 1500 1750 2000
–3
–2.5
–2
–1.5
–1
–0.5
0
0.5
1
1.5
2
2.5
3
Voltage Drift
Long Term Differential RTI Offset
6373 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com