Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6907 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6907
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6907 Datasheet HTML 3Page - Analog Devices LTC6907 Datasheet HTML 4Page - Analog Devices LTC6907 Datasheet HTML 5Page - Analog Devices LTC6907 Datasheet HTML 6Page - Analog Devices LTC6907 Datasheet HTML 7Page - Analog Devices LTC6907 Datasheet HTML 8Page - Analog Devices LTC6907 Datasheet HTML 9Page - Analog Devices LTC6907 Datasheet HTML 10Page - Analog Devices LTC6907 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC6994-1/LTC6994-2
7
Rev. C
For more information www.analog.com
VSET Drift vs ISET
VSET Drift vs Supply Voltage
VSET vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
V+ = 3.3V, RSET = 200k and TA = 25°C unless otherwise noted.
Delay Error vs RSET (NDIV = 1)
Delay Error vs RSET (NDIV =1)
Delay Error vs DIVCODE
ISET (µA)
0
–1.0
0
0.4
0.2
0.6
0.8
1.0
10
15
20
–0.4
–0.2
–0.6
–0.8
5
699412 G16
REFERENCED TO ISET = 10µA
SUPPLY (V)
2
–1.0
0
0.4
0.2
0.6
0.8
1.0
4
5
6
–0.4
–0.2
–0.6
–0.8
3
699412 G17
REFERENCED TO V+ = 4V
TEMPERATURE (°C)
–50
0.980
1.000
1.010
1.005
1.015
1.020
0
25
50
100 125
0.995
0.990
0.985
–25
75
699412 G18
3 PARTS
RSET (k)
50
–5
–3
–1
1
3
100
800
400
200
699412 G10
5
–4
–2
0
2
4
RISING EDGE DELAY
3 PARTS
Delay Error vs RSET
(8 ≤ NDIV ≤ 64)
RSET (k)
50
–5
–3
–1
1
3
100
800
400
200
699412 G11
5
–4
–2
0
2
4
3 PARTS
Delay Error vs RSET (NDIV ≥ 512)
RSET (k)
50
–5
–3
–1
1
3
100
800
400
200
699412 G12
5
–4
–2
0
2
4
3 PARTS
RSET (k)
50
–5
–3
–1
1
3
100
800
400
200
699412 G13
5
–4
–2
0
2
4
FALLING EDGE DELAY
3 PARTS
DIVCODE
0
1
3
2
4
6
8
699412 G14
–1
–3
0
2
4
5
–2
–4
–5
10
12
14
LTC6994-1
RSET = 50k
3 PARTS
RISING EDGE
DELAY
FALLING EDGE
DELAY
Delay Error vs DIVCODE
DIVCODE
0
1
3
2
4
6
8
699412 G15
–1
–3
0
2
4
5
–2
–4
–5
10
12
14
LTC6994-1
RSET = 800k
3 PARTS
RISING EDGE
DELAY
FALLING EDGE
DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com