Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6930 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC6930
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC6930 Datasheet HTML 14Page - Analog Devices LTC6930 Datasheet HTML 15Page - Analog Devices LTC6930 Datasheet HTML 16Page - Analog Devices LTC6930 Datasheet HTML 17Page - Analog Devices LTC6930 Datasheet HTML 18Page - Analog Devices LTC6930 Datasheet HTML 19Page - Analog Devices LTC6930 Datasheet HTML 20Page - Analog Devices LTC6930 Datasheet HTML 21Page - Analog Devices LTC6930 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC6994-1/LTC6994-2
18
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Voltage-Controlled Delay
With one additional resistor, the LTC6994 output delay
can be manipulated by an external voltage. As shown in
Figure 10, voltage VCTRL sources/sinks a current through
RMOD to vary the ISET current, which in turn modulates
the delay as described in Equation (3):
tDELAY =
NDIV •RMOD
50kΩ
•
1µs
1+
RMOD
RSET
–
VCTRL
VSET
(3)
Digital Delay Control
The control voltage can be generated by a DAC (digital-to-
analog converter), resulting in a digitally-controlled delay.
Many DACs allow for the use of an external reference. If
such a DAC is used to provide the VCTRL voltage, the VSET
dependency can be eliminated by buffering VSETandusing
it as the DAC’s reference voltage, as shown in Figure 11.
The DAC’s output voltage now tracks any VSET variation
and eliminates it as an error source. The SET pin cannot be
tied directly to the reference input of the DAC because the
currentdrawnbytheDAC’sREFinputwouldaffectthedelay.
ISET Extremes (Master Oscillator Frequency Extremes)
When operating with ISET outside of the recommended
1.25µA to 20µA range, the master oscillator operates
outside of the 62.5kHz to 1MHz range in which it is most
accurate.
The oscillator will still function with reduced accuracy for
ISET < 1.25µA. At approximately 500nA, the oscillator will
stop. Under this condition, the delay timing can still be
initiated, but will not terminate until ISET increases and
the master oscillator starts again.
At the other extreme, it is not recommended to operate
the master oscillator beyond 2MHz because the accuracy
of the DIV pin ADC will suffer.
LTC6994
IN
GND
SET
OUT
V+
DIV
R1
C1
0.1µF
699412 F10
V+
R2
RSET
RMOD
VCTRL
699412 F11
LTC6994
IN
GND
SET
OUT
V+
DIV
C1
0.1µF
R1
R2
V+
RMOD
RSET
–
+
V+
1/2
LTC6078
LTC1659
V+
0.1µF
VCC
REF
GND
VOUT
µP
DIN
CLK
CS/LD
NDIV • RMOD
50k
tDELAY =
DIN = 0 TO 4095
•
–
1+
RMOD
RSET
DIN
4096
1µs
0.1µF
Figure 10. Voltage-Controlled Delay
Figure 11. Digitally Controlled Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com