Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6930 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6930
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6930 Datasheet HTML 3Page - Analog Devices LTC6930 Datasheet HTML 4Page - Analog Devices LTC6930 Datasheet HTML 5Page - Analog Devices LTC6930 Datasheet HTML 6Page - Analog Devices LTC6930 Datasheet HTML 7Page - Analog Devices LTC6930 Datasheet HTML 8Page - Analog Devices LTC6930 Datasheet HTML 9Page - Analog Devices LTC6930 Datasheet HTML 10Page - Analog Devices LTC6930 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
7
Rev. D
For more information www.analog.com
Frequency Error vs RSET
Frequency Drift vs Supply Voltage
Typical VSET Distribution
VSET Drift vs ISET
VSET Drift vs Supply
VSET vs Temperature
RSET (k)
50
–3
0
1
2
3
200
400
800
–1
–2
100
6992 G04
3 PARTS
GUARANTEED MAX OVER TEMPERATURE
GUARANTEED MIN OVER TEMPERATURE
SUPPLY VOLTAGE (V)
2
–0.5
0
0.2
0.1
0.3
0.4
0.5
4
5
6
–0.2
–0.1
–0.3
–0.4
3
6992 G05
REFERENCED TO V+ = 4.5V
RSET = 50k
RSET = 200k RSET = 800k
VSET (V)
0.98
0
100
50
150
200
250
0.996
1.004
1.012
1.02
0.988
6992 G06
2 LOTS
DFN AND SOT-23
1274 UNITS
ISET (µA)
0
–1.0
0
0.4
0.2
0.6
0.8
1.0
10
15
20
–0.4
–0.2
–0.6
–0.8
5
6992 G07
REFERENCED TO ISET = 10µA
SUPPLY (V)
2
–1.0
0
0.4
0.2
0.6
0.8
1.0
4
5
6
–0.4
–0.2
–0.6
–0.8
3
6992 G08
REFERENCED TO V+ = 4V
TEMPERATURE (°C)
–50
0.980
1.000
1.010
1.005
1.015
1.020
0
25
50
100 125
0.995
0.990
0.985
–25
75
6992 G09
3 PARTS
NDIV = 1 Duty Cycle Error vs RSET
NDIV = 1 Duty Cycle Error vs RSET
NDIV = 1 Duty Cycle Error vs RSET
RSET (k)
50
–5
0
3
2
1
4
5
100
400
800
–1
–2
–3
–4
200
6992 G10
VMOD/VSET = 0.2 (12.5%)
DIVCODE = 0
3 PARTS
RSET (k)
50
–5
0
3
2
1
4
5
100
400
800
–1
–2
–3
–4
200
6992 G11
VMOD/VSET = 0.5 (50%)
DIVCODE = 0
3 PARTS
RSET (k)
50
–5
0
3
2
1
4
5
100
400
800
–1
–2
–3
–4
200
6992 G12
VMOD/VSET = 0.8 (87.5%)
DIVCODE = 0
3 PARTS
TYPICAL PERFORMANCE CHARACTERISTICS V+ = 3.3V, R
SET = 200k, and TA = 25°C, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com