Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2621 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD2621
Description  Silicon NPN epitaxial planar type For low-frequency driver amplification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2621 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD2621 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2621 Datasheet HTML 2Page - Panasonic Semiconductor 2SD2621 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD2621
2
SJC00307AED
IC  VBE
hFE  IC
Cob  VCB
PC  Ta
IC  VCE
VCE(sat)  IC
0
80
120
40
0
120
100
80
60
40
20
Ambient temperature T
a (°C)
012
10
8
26
4
0
5
10
15
20
25
30
35
40
45
Ta = 25
°C
IB
= 100 µA
90
µA
70
µA
60
µA
50
µA
40
µA
30
µA
20
µA
10
µA
80
µA
Collector-emitter voltage V
CE (V)
0.1
1
10
100
1000
0.01
1
0.1
IC / IB
= 10
Ta = 85
°C
25
°C
−25°C
Collector current I
C (mA)
0
0.2
0.6
0.8
1.0
1.2
0.4
1.4
0
120
100
80
60
40
20
VCE
= 10 V
Ta = 85
°C
25
°C
−25°C
Base-emitter voltage V
BE (V)
1
10
100
0
1 000
800
600
400
200
VCE
= 10 V
Ta = 85
°C
25
°C
−25°C
Collector current I
C (mA)
040
10
30
20
1
10
f = 1 MHz
Ta = 25
°C
Collector-base voltage V
CB (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com