Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN601DWK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN601DWK
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN601DWK Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN601DWK Datasheet HTML 1Page - Diodes Incorporated DMN601DWK Datasheet HTML 2Page - Diodes Incorporated DMN601DWK Datasheet HTML 3Page - Diodes Incorporated DMN601DWK Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes:
5. Short duration test pulse used to minimize self-heating effect.
DS30656 Rev. 2 - 2
2 of 4
DMN601DWK
www.diodes.com
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
60
⎯⎯
V
VGS = 0V, ID = 10
µA
Zero Gate Voltage Drain Current
IDSS
⎯⎯
1
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
⎯⎯
±10
µA
VGS =
±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
1.0
1.6
2.5
V
VDS = 10V, ID = 1mA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
⎯
2.0
3.0
Ω
VGS = 10V, ID = 0.5A
VGS = 5V, ID = 0.05A
Forward Transfer Admittance
|Yfs|
80
⎯⎯
ms
VDS =10V, ID = 0.2A
Diode Forward Voltage (Note 5)
VSD
0.5
⎯
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯⎯
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯⎯
25
pF
Reverse Transfer Capacitance
Crss
⎯⎯
5.0
pF
0
0.2
0.4
0.6
0.8
1.0
01
2
3
4
5
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 1 Typical Output Characteristics
1.2
1.4
3V
4V
6V
8V
10V
V
= 10V
GS
8V
6V
5V
4V
3V
5V
V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 2 Typical Transfer Characteristics
0.01
0.10
1.00
1
1.5
2
2.5
33.5
4
4.5
5
T = 125
°C
A
T = 25
°C
A
T = -25
°C
A
T
= 75
°C
A
V
= 10V
DS
Pulsed
0.1
I , DRAIN CURRENT (A)
D
Fig. 4 Static Drain-Source On-Resistance
Vs. Drain Current
1
10
0.001
0.01
0.1
1
T = 150
°C
A
T = 125
°C
A
T = 85
°C
A
T = -55
°C
A
T = 25
°C
A
T = 0
°C
A
T = -25
°C
A
V
= 10V
GS
Pulsed
T , CHANNEL TEMPERATURE (°C)
ch
Fig. 3 Gate Threshold Voltage
vs. Channel Temperature
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
V= 10V
DS
I = 1mA
D
Pulsed



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com