Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN3840-25-33-C35-R65 Datasheet(PDF) 4 Page - Schaffner International Ltd

Part # FN3840-25-33-C35-R65
Description  Book-style EMC/RFI Filter for regenerative drive application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3840-25-33-C35-R65 Datasheet(HTML) 4 Page - Schaffner International Ltd

  FN3840-25-33-C35-R65 Datasheet HTML 1Page - Schaffner International Ltd FN3840-25-33-C35-R65 Datasheet HTML 2Page - Schaffner International Ltd FN3840-25-33-C35-R65 Datasheet HTML 3Page - Schaffner International Ltd FN3840-25-33-C35-R65 Datasheet HTML 4Page - Schaffner International Ltd FN3840-25-33-C35-R65 Datasheet HTML 5Page - Schaffner International Ltd FN3840-25-33-C35-R65 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
EMC/EMI Products
Schaffner Group
Datasheets
26 Nov 2020
Damping resistor losses vs switching frequency
Typical losses at different values of the AFE-LCL L1 inductor with rated voltage (530 VAC/60 Hz) and differing grid inductance. (25A->95µH; 50A->95µH; 80A-> 95µH;
160A->79µH; 250A->57µH; 380A->50µH).
The highlighted gray area represents a non-operating area. Operating the filter in this area may cause overheating and damage to the filter, and may activate the
temperature switch.
FN3840-25-33-C35-R65
FN3840-50-53-C35-R65
FN3840-80-34-C45-R65
FN3840-160-40-C45-R65
FN3840-250-99-C2835-R67
FN3840-380-99-C2835-R67
Mechanical data for filters with terminal blocks
FN3840-25-33-CXX-RYY
FN3840-50-53-CXX-RYY



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com