Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN-9233 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-9233
Description  High Performance EMC/EMI Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9233 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-9233 Datasheet HTML 1Page - Schaffner International Ltd FN-9233 Datasheet HTML 2Page - Schaffner International Ltd FN-9233 Datasheet HTML 3Page - Schaffner International Ltd FN-9233 Datasheet HTML 4Page - Schaffner International Ltd FN-9233 Datasheet HTML 5Page - Schaffner International Ltd FN-9233 Datasheet HTML 6Page - Schaffner International Ltd FN-9233 Datasheet HTML 7Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 09 Jul 2019
Filter selection table
Filter
Rated current
Leakage current*
Inductance
Capacitance
Resistance
Output connections
Weight
@ 50°C (25°C)
@ 250 VAC/50 Hz
L
Cx1
Cx2
Cy
Cy
(@ 120 VAC/60 Hz)
[A]
[mA]
[mH]
[μF]
[μF]
[nF]
[kΩ]
[g]
FN 9233 x-1-06
1 (1.2)
0.31 (0.18)
22.5
0.1
2.2
-06
37
FN 9233 x-3-06
3 (3.5)
0.31 (0.18)
4.6
0.1
2.2
-06
37
FN 9233 x-6-06
6 (7.2)
0.31 (0.18)
1.6
0.1
2.2
-06
37
FN 9233 x-8-06
8 (10.6)
0.31 (0.18)
0.9
0.1
2.2
-06
37
FN 9233 x-10-06
10 (11.6)
0.31 (0.18)
0.45
0.1
2.2
-06
37
FN 9233 x-12-06
12 (12)
0.31 (0.18)
0.27
0.1
2.2
-06
37
FN 9233 x-15-06
15 (15)
0.31 (0.18)
0.2
0.1
2.2
-06
37
FN 9233 x-12-06HI
12 (12)
0.31 (0.18)
0.27
0.1
2.2
-06
37
FN 9233 x-15-06HI
15 (15)
0.31 (0.18)
0.2
0.1
2.2
-06
37
FN 9233 xR-1-06
1 (1.2)
0.31 (0.18)
22.5
0.1
2.2
1000
-06
37
FN 9233 xR-3-06
3 (3.5)
0.31 (0.18)
4.6
0.1
2.2
1000
-06
37
FN 9233 xR-6-06
6 (7.2)
0.31 (0.18)
1.6
0.1
2.2
1000
-06
37
FN 9233 xR-8-06
8 (10.6)
0.31 (0.18)
0.9
0.1
2.2
1000
-06
37
FN 9233 xR-10-06
10 (11.6)
0.31 (0.18)
0.45
0.1
2.2
1000
-06
37
FN 9233 xR-12-06
12 (12)
0.31 (0.18)
0.27
0.1
2.2
1000
-06
37
FN 9233 xR-15-06
15 (15)
0.31 (0.18)
0.2
0.1
2.2
1000
-06
37
FN 9233 xR-12-06HI
12 (12)
0.31 (0.18)
0.27
0.1
2.2
1000
-06
37
FN 9233 xR-15-06HI
15 (15)
0.31 (0.18)
0.2
0.1
2.2
1000
-06
37
FN 9233 xB-1-06
1 (1.2)
0.00
22.5
0.1
1000
-06
37
FN 9233 xB-3-06
3 (3.5)
0.00
4.6
0.1
1000
-06
37
FN 9233 xB-6-06
6 (7.2)
0.00
1.6
0.1
1000
-06
37
FN 9233 xB-8-06
8 (10.6)
0.00
0.9
0.1
1000
-06
37
FN 9233 xB-10-06
10 (11.6)
0.00
0.45
0.1
1000
-06
37
FN 9233 xB-12-06
12 (12)
0.00
0.27
0.1
1000
-06
37
FN 9233 xB-15-06
15 (15)
0.00
0.2
0.1
1000
-06
37
FN 9233 xB-12-06HI
12 (12)
0.00
0.27
0.1
1000
-06
37
FN 9233 xB-15-06HI
15 (15)
0.00
0.2
0.1
1000
-06
37
FN 9233 UF2-1-06
1 (1.2)
0.47 (0.27)
22.5
0.047
0.047
3.3
-06
46
FN 9233 UF2-3-06
3 (3.5)
0.47 (0.27)
4.6
0.047
0.047
3.3
-06
46
FN 9233 UF2-6-06
6 (7.2)
0.47 (0.27)
1.6
0.047
0.047
3.3
-06
46
FN 9233 UF2-8-06
8 (10.6)
0.47 (0.27)
0.9
0.047
0.047
3.3
-06
46
FN 9233 UF2-10-06
10 (11.6)
0.47 (0.27)
0.45
0.047
0.047
3.3
-06
46
FN 9233 UF2-12-06
12 (12)
0.47 (0.27)
0.27
0.047
0.047
3.3
-06
46
FN 9233 UF2-15-06
15 (15)
0.47 (0.27)
0.2
0.047
0.047
3.3
-06
46
* Maximum leakage under normal operating conditions (acc. to IEC60939-3). Note: if the neutral line is interrupted, worst case leakage could reach twice this level.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com