Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN-9262 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-9262
Description  High Performance Power Entry Module with Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9262 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-9262 Datasheet HTML 1Page - Schaffner International Ltd FN-9262 Datasheet HTML 2Page - Schaffner International Ltd FN-9262 Datasheet HTML 3Page - Schaffner International Ltd FN-9262 Datasheet HTML 4Page - Schaffner International Ltd FN-9262 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 24 Jan 2020
Filter selection table
Filter
Rated current
Leakage current*
Inductance**
Capacitance**
Resistor**
Input/Output
Fuses***
Weight
@ 40°C
@ 250 VAC/50 Hz
L
Cx
Cy
R
connections
(@ 120 VAC/60 Hz)
[A]
[mA]
[mH]
[μF]
[nF]
[kΩ]
[Qty]
[g]
FN 9262-1-06
1
0.31 (0.18)
40
0.22
2.2
1000
-06
2
55
FN 9262-2-06
2
0.31 (0.18)
20
0.22
2.2
1000
-06
2
55
FN 9262-4-06
4
0.31 (0.18)
7
0.22
2.2
1000
-06
2
55
FN 9262-6-06
6
0.31 (0.18)
3
0.22
2.2
1000
-06
2
55
FN 9262-10-06
10
0.31 (0.18)
1.15
0.22
2.2
1000
-06
2
55
FN 9262A-1-06
1
0.07 (0.04)
40
0.22
0.47
1000
-06
2
55
FN 9262A-2-06
2
0.07 (0.04)
20
0.22
0.47
1000
-06
2
55
FN 9262A-4-06
4
0.07 (0.04)
7
0.22
0.47
1000
-06
2
55
FN 9262A-6-06
6
0.07 (0.04)
3
0.22
0.47
1000
-06
2
55
FN 9262A-10-06
10
0.07 (0.04)
1.15
0.22
0.47
1000
-06
2
55
FN 9262B-1-06
1
0.00
40
0.22
1000
-06
2
55
FN 9262B-2-06
2
0.00
20
0.22
1000
-06
2
55
FN 9262B-4-06
4
0.00
7
0.22
1000
-06
2
55
FN 9262B-6-06
6
0.00
3
0.22
1000
-06
2
55
FN9262B-10-06
10
0.00
1.15
0.22
1000
-06
2
55
*** Leakage current under normal operating conditions (acc. to IEC60939-3). Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
*** Tolerances apply: Inductance: -30/+50%, Capacitance: ±20%, Resistance: ±10%
*** Fuses are not included in the filter and need to be selected according to application
Product selector
For example: FN 9262-1-06, FN 9262 SB-10-06



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com