Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2991IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2991IPWR
Description  OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2991IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2991IPWR Datasheet HTML 9Page - Texas Instruments OPA2991IPWR Datasheet HTML 10Page - Texas Instruments OPA2991IPWR Datasheet HTML 11Page - Texas Instruments OPA2991IPWR Datasheet HTML 12Page - Texas Instruments OPA2991IPWR Datasheet HTML 13Page - Texas Instruments OPA2991IPWR Datasheet HTML 14Page - Texas Instruments OPA2991IPWR Datasheet HTML 15Page - Texas Instruments OPA2991IPWR Datasheet HTML 16Page - Texas Instruments OPA2991IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
6.7 Electrical Characteristics
For VS = (V+) – (V–) = 2.7 V to 40 V (±1.35 V to ±20 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS /
2, and VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VCM = V–
±125
±750
µV
TA = –40°C to 125°C
±780
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
±0.3
µV/
℃
PSRR
Input offset voltage
versus power supply
VCM = V–, VS = 4 V to 40 V
TA = –40°C to 125°C
±0.3
±1
µV/V
VCM = V–, VS = 2.7 V to 40 V(2)
±1
±5
Channel separation
f = 0 Hz
5
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±10
pA
IOS
Input offset current
±10
pA
NOISE
EN
Input voltage noise
f = 0.1 Hz to 10 Hz
1.8
µVPP
0.3
µVRMS
eN
Input voltage noise
density
f = 1 kHz
10.8
nV/√ Hz
f = 10 kHz
9.4
iN
Input current noise
f = 1 kHz
2
fA/√ Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection
ratio
VS = 40 V, (V–) – 0.1 V < VCM < (V+)
– 2 V (Main input pair)
TA = –40°C to 125°C
109
130
dB
VS = 4 V, (V–) – 0.1 V < VCM < (V+)
– 2 V (Main input pair)
84
100
VS = 2.7 V, (V–) – 0.1 V < VCM < (V
+) – 2 V (Main input pair)(2)
75
95
VS = 2.7 V to 40 V, (V+) – 1 V < VCM
< (V+) + 0.1 V (Aux input pair)
85
INPUT CAPACITANCE
ZID
Differential
100 || 9
MΩ || pF
ZICM
Common-mode
6 || 1
TΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 40 V, VCM = V–
(V–) + 0.1 V < VO < (V+) – 0.1 V
120
145
dB
TA = –40°C to 125°C
142
VS = 4 V, VCM = V–
(V–) + 0.1 V < VO < (V+) – 0.1 V
104
130
TA = –40°C to 125°C
125
VS = 2.7 V, VCM = V–
(V–) + 0.1 V < VO < (V+) – 0.1 V(2)
101
120
TA = –40°C to 125°C
118
www.ti.com
OPA991, OPA2991, OPA4991
SBOS969D – OCTOBER 2019 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com