Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9352IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9352IPWR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9352IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9352IPWR Datasheet HTML 17Page - Texas Instruments TLV9352IPWR Datasheet HTML 18Page - Texas Instruments TLV9352IPWR Datasheet HTML 19Page - Texas Instruments TLV9352IPWR Datasheet HTML 20Page - Texas Instruments TLV9352IPWR Datasheet HTML 21Page - Texas Instruments TLV9352IPWR Datasheet HTML 22Page - Texas Instruments TLV9352IPWR Datasheet HTML 23Page - Texas Instruments TLV9352IPWR Datasheet HTML 24Page - Texas Instruments TLV9352IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
7.3.3 Phase Reversal Protection
The TLV935x family has internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond its linear common-mode range. This condition is most often encountered in noninverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The TLV935x is a rail-to-rail input op amp; therefore, the common-mode range can
extend up to the rails. Input signals beyond the rails do not cause phase reversal; instead, the output limits into
the appropriate rail.
7.3.4 Thermal Protection
The internal power dissipation of any amplifier causes its internal (junction) temperature to rise. This
phenomenon is called self heating. The absolute maximum junction temperature of the TLV935x is 150°C.
Exceeding this temperature causes damage to the device. The TLV935x has a thermal protection feature that
prevents damage from self heating. The protection works by monitoring the temperature of the device and
turning off the op amp output drive for temperatures above 140°C. Figure 7-4 shows an application example for
the TLV9351 that has significant self heating (159°C) because of its power dissipation (0.81 W). Thermal
calculations indicate that for an ambient temperature of 65°C the device junction temperature must reach 187°C.
The actual device, however, turns off the output drive to maintain a safe junction temperature. Figure 7-4 shows
how the circuit behaves during thermal protection. During normal operation, the device acts as a buffer so the
output is 3 V. When self heating causes the device junction temperature to increase above 140°C, the thermal
protection forces the output to a high-impedance state and the output is pulled to ground through resistor RL.
140ºC
3 V
0 V
150°C
30 V
RL
100
VIN
3 V
+
3 V
–
I
OUT = 30 mA
TLV9351
TA = 65°C
PD = 0.81W
JA = 138.7°C/W
TJ = 138.7°C/W × 0.81W + 65°C
TJ = 177.3°C (expected)
+
–
Figure 7-4. Thermal Protection
www.ti.com
TLV9351, TLV9352, TLV9354
SBOS994C – NOVEMBER 2019 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9351 TLV9352 TLV9354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com