Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP91C630F Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP91C630F
Description  CMOS 16-Bit Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91C630F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP91C630F Datasheet HTML 5Page - Toshiba Semiconductor TMP91C630F Datasheet HTML 6Page - Toshiba Semiconductor TMP91C630F Datasheet HTML 7Page - Toshiba Semiconductor TMP91C630F Datasheet HTML 8Page - Toshiba Semiconductor TMP91C630F Datasheet HTML 9Page - Toshiba Semiconductor TMP91C630F Datasheet HTML 10Page - Toshiba Semiconductor TMP91C630F Datasheet HTML 11Page - Toshiba Semiconductor TMP91C630F Datasheet HTML 12Page - Toshiba Semiconductor TMP91C630F Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 202 page
background image
TMP91C630
2003-07-22
91C630-7
Table 2.2.3 Pin Names and Functions (3/3)
Pin Names
Number
of Pins
I/O
Functions
BOOT
1
Input
This pin sets boot mode (with pull-up resistor)
NMI
1
Input
Non-maskable interrupt request pin: Interrupt request pin with programmable
falling edge level or with both edge levels programmable
AM0 to AM1
2
Input
Operation mode:
AM1
0 and AM0
1: External 16-bit bus is fixed
or external 8-/16-bit buses are mixed.
AM1
0 and AM0
0: External 8-bit bus is fixed.
RESET
1
Input
Reset: Initializes TMP91C630 (with pull-up resistor)
VREFH
1
Input
Pin for reference voltage input to AD converter (H)
VREFL
1
Input
Pin for reference voltage input to AD converter (L)
AVCC
1
I/O
Power supply pin for AD converter
AVSS
1
GND supply pin for AD converter
X1/X2
2
Oscillator connection pins
DVCC
4
Power supply pins
DVSS
4
GND pins (0 V)
EMU0
1
Output
Open pin
EMU1
1
Output
Open pin
Note 1: An external DMA controller cannot access the device’s built-in memory or built-in I/O devices using
the BUSRQ and BUSAK signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com