Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM560P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DM560P
Description  V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM560P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM560P Datasheet HTML 1Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 2Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 3Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 4Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 5Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 6Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 7Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 8Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
DM560P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
Preliminary
1
Version: DM560P-DS-P07
August 11, 2000
General Description
The DM560P integrated modem is a four chipset
design that provides a complete solution for state-
of-the-art, voice-band Plain Old Telephone Service
(POTS) communication. The modem provides for
Data (up to 56,000bps), Fax (up to 14,400bps),
Voice and Full Duplex Speaker-phone functions to
comply with various international standards.
The design of the DM560P is optimized for desktop
personal computer applications and it provides a low
cost, highly reliable, maximum integration, with the
minimum amount of support required. The DM560P
modem can operate over a dial-up network (PSTN)
or 2 wire leased lines.
The modem integrates auto dial and answer
capabilities, synchronous and asynchronous data
transmissions, serial and parallel interfaces, various
tone detection schemes and data test modes.
The DM560P modem reference design is pre-
approved for FCC part 68 and provides minimum
design cycle time, with minimum cost to insure the
maximum amount of success.
The simplified modem system, shown in figure
below, illustrates the basic interconnection between
the MCU, DSP, AFE and other basic components of
a modem. The individual elements of the DM560P
are:
•
DM6580 Analog Front End (AFE). 28-pin PLCC
package
•
DM6581 ITU-T V.90 Transmit Digital Signal
Processor (TX DSP). 100-pin QFP package
•
DM6582 ITU-T V.90 Receive Digital Signal
Processor (RX DSP). 100-pin QFP package
•
DM6583 Modem Controller (MCU) built in Plug &
Play (PnP). 100-pin QFP package
Block Diagram
LED
DM658
3
Micro
Controller
Unit
DM658
1
TX DSP
Ring
Detector
DM658
0
Analog
Front End
TxD
RxD
MSCLK
Address &
Data Bus
SCLK
DIT
DOT
TFS
DIR
DOR
RFS
TxBCLK
TxSCLK*2
RxBCLK
RxSCLK
20.16MHz
TxDCLK
RxDCLK
DAA
RxIN
TxA1
TxA2
Lin
e
Speaker
Driver
ISA Bus
DM658
2
RX DSP
V.24
Interface
V.24
Interface
PnP
SPKR
Microphone
Driver
29.4912
MHz
40.32MHz


Similar Part No. - DM560P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP Datasheet
1Mb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
List of Unclassifed Man...
DM562P ETC1-DM562P Datasheet
292Kb / 43P
V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
logo
Davicom Semiconductor, ...
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone
More results

Similar Description - DM560P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM336P ETC-DM336P Datasheet
341Kb / 40P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P ETC1-DM562P Datasheet
292Kb / 43P
V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
V.34 Data/V.17 Fax/Voice Modem Data Pumps
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
Single Device Data/Fax Modem Data Pump
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com