Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4120R-1-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4120R-1-R1
Description  4100R Series - Thick Film Molded DIPs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4120R-1-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4120R-1-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4120R-1-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4100R Series - Thick Film Molded DIPs
Specifications are subject to change without notice.
AMBIENT TEMPERATURE ( C )
°
0
70
125
4.00
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
4108R
4114R
4116R
4118R
4120R
PIN #1 REF.
4.57 + .12/ - .28
(.180 + .005/ - .007)
3.43 + .38/ - .25.
(135 + .015/ - .010)
MAX.
2.03
± .12
(.080
± .005)
2.54
± .25
(.100
± .010*)
.438
± .050
(.019
± .002)
1.65 + .12/ - .07
(.065 + .005/ - .003)
7.87
± .25
(.310
± .010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71
± .10
(.260 + .005)
(.260 - .000)
8.64
± .50
(.340
± .020)
.254
± .050
(.010
± .002)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
27.05
(1.065)
MAX.
24.51
(.965)
MAX.
21.97
(.865)
MAX.
19.43
(.765)
MAX.
11.81
(.465)
MAX.
8.40
(.331)
TYP.
.89
± .25
(.035
± .010)
TYP.
NON-ACCUM.
TYP.
PART
NUMBER
4114R-1-
152
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
Product Characteristics
Resistance Range
......................10 ohms to 10 megohms
Maximum Operating Voltage...........100V
Temperature Coefficient of Resistance
50
Ω to 2.2 MΩ..................±100ppm/°C
below 50
Ω ........................±250ppm/°C
above 2.2 M
Ω...................±250ppm/°C
TCR Tracking ..........................50ppm/°C
maximum; equal values
Resistor Tolerance ................See circuits
Operating Temperature
...................................-55°C to +125°C
Insulation Resistance
..................10,000 megohms minimum
Dielectric Withstanding Voltage
.............................................200 VRMS
Lead Solderability
.....Meet requirements of MIL-STD-202
Method 208
Environmental Characteristics
TESTS PER MIL-STD-202.........
∆R MAX.
Short Time Overload...................±0.25%
Load Life .....................................±1.00%
Moisture Resistance ...................±0.50%
Resistance to Soldering Heat
.................................................±0.25%
Terminal Strength........................±0.25%
Thermal Shock............................±0.25%
Physical Characteristics
Flammability .........Conforms to UL94V-0
Lead Frame Material
..........................Copper, solder coated
Body Material ..................Novolac epoxy
Package Power Rating at 70°C
4108R......................................1.69 watts
4114R......................................2.00 watts
4116R......................................2.25 watts
4118R......................................2.50 watts
4120R......................................2.80 watts
How To Order
41 14 R - 1 - 152
Model
(41 = Molded DIP)
Number of Pins
Physical Configuration
(R = Thick Film Low Profile)
Electrical Configuration
• 1 = Isolated
• 2 = Bussed
• 3 = Dual Terminator
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Consult factory for other available options.
Features
s
Compatible with automatic insertion
equipment
s
Superior package integrity
s
Marking on contrasting background for
permanent identification
Package Power Temp. Derating Curve
Product Dimensions
For information on specific applications,
download Bourns’ application notes:
DRAM Applications
Dual Terminator Resistor Networks
R/2R Ladder Networks
SCSI Applications


Similar Part No. - 4120R-1-R1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4120R-2-RC BOURNS-4120R-2-RC Datasheet
223Kb / 2P
RoHS compliant* versions available (see How to Order ?쏷ermination??option)
4120R-3-R1 BOURNS-4120R-3-R1 Datasheet
223Kb / 2P
Thick Film Molded DIPs Superior package integrity Dual Terminator Resistor Networks
4120R-3-R2 BOURNS-4120R-3-R2 Datasheet
223Kb / 2P
Thick Film Molded DIPs Superior package integrity Dual Terminator Resistor Networks
4120R-601-101 BOURNS-4120R-601-101 Datasheet
231Kb / 2P
RC Network T-Filters
4120R-601-250 BOURNS-4120R-601-250 Datasheet
231Kb / 2P
RC Network T-Filters
More results

Similar Description - 4120R-1-R1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4116R-1-103 BOURNS-4116R-1-103 Datasheet
223Kb / 2P
4100R Series - Thick Film Molded DIPs
4116R-3-221-331 BOURNS-4116R-3-221-331 Datasheet
223Kb / 2P
4100R Series - Thick Film Molded DIPs
4116R-1-272 BOURNS-4116R-1-272 Datasheet
223Kb / 2P
4100R Series - Thick Film Molded DIPs
4116R-1-471 BOURNS-4116R-1-471 Datasheet
223Kb / 2P
4100R Series - Thick Film Molded DIPs
4114R-1-104 BOURNS-4114R-1-104 Datasheet
223Kb / 2P
4100R Series - Thick Film Molded DIPs
4100R BOURNS-4100R_12 Datasheet
223Kb / 2P
4100R Series - Thick Film Molded DIPs
4116R-1-473 BOURNS-4116R-1-473 Datasheet
223Kb / 2P
4100R Series - Thick Film Molded DIPs
4116R-1-100 BOURNS-4116R-1-100 Datasheet
223Kb / 2P
4100R Series - Thick Film Molded DIPs
4116R-2-103 BOURNS-4116R-2-103 Datasheet
223Kb / 2P
4100R Series - Thick Film Molded DIPs
4100R-1-221LF BOURNS-4100R-1-221LF Datasheet
223Kb / 2P
4100R Series - Thick Film Molded DIPs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com