Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404818FS Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # HD404818FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404818FS Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button HD404818FS Datasheet HTML 81Page - Renesas Technology Corp HD404818FS Datasheet HTML 82Page - Renesas Technology Corp HD404818FS Datasheet HTML 83Page - Renesas Technology Corp HD404818FS Datasheet HTML 84Page - Renesas Technology Corp HD404818FS Datasheet HTML 85Page - Renesas Technology Corp HD404818FS Datasheet HTML 86Page - Renesas Technology Corp HD404818FS Datasheet HTML 87Page - Renesas Technology Corp HD404818FS Datasheet HTML 88Page - Renesas Technology Corp HD404818FS Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
HD404818 Series
83
AC Characteristics (HD404812, HD404814, HD404816, HD404818: V
CC = 4 to 6 V; HD4074818: VCC
= 4 to 5.5 V; GND = 0 V, T
a = –20°C to +75°C, unless otherwise specified)
Item
Symbol
Pin
Min
Typ
Max
Unit
Test Condition
Notes
Oscillation
frequency
f
OSC
OSC
1, OSC 2
1.6
4.0
4.2
MHz
X1, X2
32.768
kHz
Oscillation
frequency
f
OSC
OSC
1, OSC 2
(without 32 kHz)
0.25
4.0
4.2
MHz
Instruction
cycle time
t
cyc
0.95
1
2.5
µs
0.95
1
16
Without 32 kHz
Oscillator
stabilization
time
t
RC
OSC
1, OSC 2
30
ms
Crystal
1
7.5
ms
Ceramic
f
OSC = 4 MHz
1
X1, X2
3
s
T
a = –10° to 60 °C2
External
clock
frequency
f
CP
OSC
1
1.6
4.2
MHz
3
0.25
4.2
MHz
Without 32 kHz
3
External
clock high
width
t
CPH
OSC
1
110
ns
3
External
clock low
width
t
CPL
OSC
1
110
ns
3
External
clock rise
time
t
CPr
OSC
1
20
ns
3
External
clock fall time
t
CPf
OSC
1
20
ns
3
INT
0 high
width
t
IH
INT
0
2t
cyc /
t
subcyc
4, 6
INT
0 low
width
t
IL
INT
0
2t
cyc /
t
subcyc
4, 6
INT
1 high
width
t
IH
INT
1
2t
cyc
4
INT
1 low
width
t
IL
INT
1
2t
cyc
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com