Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8534-01 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8534-01
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8534-01 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8534-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
8534AY-01
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 19, 2004
3
Integrated
Circuit
Systems, Inc.
ICS8534-01
LOW SKEW, 1-TO-22
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
TABLE 3A. CONTROL INPUT FUNCTION TABLE
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
7
3K
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
5
7K
Ω
s
t
u
p
n
Is
t
u
p
t
u
O
E
OL
E
S
_
K
L
C1
2
Q
:
0
Q1
2
Q
n
:
0
Q
n
00
W
O
LH
G
I
H
01
W
O
LH
G
I
H
10
K
L
CK
L
C
n
1
1
K
L
C
PK
L
C
P
n
Enabled
Disabled
FIGURE 1. OE TIMING DIAGRAM
nCLK, nPCLK
CLK, PCLK
OE
nQ0:nQ21
Q0:Q21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com