Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5548 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5548
Description  Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5548 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5548 Datasheet HTML 2Page - Maxim Integrated Products MAX5548 Datasheet HTML 3Page - Maxim Integrated Products MAX5548 Datasheet HTML 4Page - Maxim Integrated Products MAX5548 Datasheet HTML 5Page - Maxim Integrated Products MAX5548 Datasheet HTML 6Page - Maxim Integrated Products MAX5548 Datasheet HTML 7Page - Maxim Integrated Products MAX5548 Datasheet HTML 8Page - Maxim Integrated Products MAX5548 Datasheet HTML 9Page - Maxim Integrated Products MAX5548 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Dual, 8-Bit, Programmable, 30mA
High-Output-Current DAC
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +3.0V, GND = 0, VREFIN = +1.25V, internal reference, RFSADJ_ = 20k
Ω, TA = +25°C. unless otherwise noted).
GLITCH IMPULSE
MAX5548 toc10
VOUT_
AC-COUPLED
40ns/div
CS
1V/div
10mV/div
RLOAD = 65
Ω
CLOAD = 24pF
620
520
420
320
220
2.5
4.0
3.0
3.5
4.5
5.0
5.5
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD, CODE = 0x00
620
520
420
320
220
-40
10
-15
35
60
85
SHUTDOWN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
NO LOAD, CODE = 0x00
VDD = 5V
VDD = 3V
1.246
1.248
1.247
1.250
1.249
1.251
1.252
-40
10
-15
35
60
85
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
NO LOAD, CODE = 0x00
1.25100
1.25075
1.25050
1.25025
1.25000
2.5
4.0
3.0
3.5
4.5
5.0
5.5
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD, CODE = 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com