Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V386GLF Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # V386GLF
Description  8-BIT LVDS RECEIVER FOR VIDEO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V386GLF Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button V386GLF Datasheet HTML 2Page - Integrated Circuit Systems V386GLF Datasheet HTML 3Page - Integrated Circuit Systems V386GLF Datasheet HTML 4Page - Integrated Circuit Systems V386GLF Datasheet HTML 5Page - Integrated Circuit Systems V386GLF Datasheet HTML 6Page - Integrated Circuit Systems V386GLF Datasheet HTML 7Page - Integrated Circuit Systems V386GLF Datasheet HTML 8Page - Integrated Circuit Systems V386GLF Datasheet HTML 9Page - Integrated Circuit Systems V386GLF Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
8-BIT LVDS RECEIVER FOR VIDEO
V386
V386 Datasheet
6
5/25/05
Revision 2.0
Integrated Circuit Systems • 525 Race Street, San Jose, CA 95126 • tel (408) 297-1201 • www.icst.com
Note: The skew margins mean the maximum timing tolerance between the clock and data channel when the
receiver still works well. This margin takes into acount the receiver input setup and hold time, and internal clock
jitter (i.e., internal data sampling window - RSPos). Thyis margin allows for LVDS transmitter pulse position,
interconnect skew, inter-symbol interference and intrinsic channel mismatch which will cause the skew between
clock (RC+ and RCK-) and data (RX[n]+ and RX[n]- ; n =0, 1, 2, 3) channels.
Thermal Characteristics
Receiver Input Strobe Position for
Bit5
RSPos5 f = 85 MHz, T = 11.76 ns
8.89
9.24
9.59
ns
Receiver Input Strobe Position for
Bit6
RSPos6 f = 85 MHz, T = 11.76 ns
10.57
10.92
11.27
ns
RxIn Skew Margin (see note and
Figure 8)
Rskm
f = 85 MHz, T = 11.76 ns
300
ps
f = 65 MHz, T = 15.38 ns
500
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to Ambient
θJA
Still air
84
°C/W
θJA
1 m/s air flow
76
°C/W
θJA
3 m/s air flow
67
°C/W
Thermal Resistance Junction to Case
θJC
50
°C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com