Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK138 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK138
Description  POWER MOSFET 200 mAmps, 50 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK138 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK138 Datasheet HTML 1Page - First Silicon Co., Ltd FTK138 Datasheet HTML 2Page - First Silicon Co., Ltd FTK138 Datasheet HTML 3Page - First Silicon Co., Ltd FTK138 Datasheet HTML 4Page - First Silicon Co., Ltd FTK138 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
V(BR)DSS
50
–
–
Vdc
Zero Gate Voltage Drain Current
(VDS = 25 Vdc, VGS = 0 Vdc)
IDSS
–
–
–
–
0.1
0.5
µAdc
Gate–Source Leakage Current (VGS = ±20 Vdc, VDS = 0Vdc)
IGSS
–
–
±0.1
µAdc
ON CHARACTERISTICS (Note 1.)
Gate-Source Threshold Voltage
(VDS= VGS, ID = 1.0 mAdc)
VGS(th)
0.5
–
1.5
Vdc
Static Drain–Source On–Resistance
(VGS= 2.75 Vdc, ID < 200 mAdc, TA = -40 C to +85 C)
(VGS= 5.0 Vdc, ID = 200 mAdc)
rDS(on)
–
5.6
10
Ω
Forward Transconductance
(VDS = 25 Vdc, ID = 200 mAdc, f = 1.0 KHz)
gFS
100
–
–
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
–
40
50
pF
Output Capacitance
Coss
–
12
25
pF
Transfer Capacitance
Crss
–
3.5
5.0
pF
SWITCHING CHARACTERISTICS (Note 4.)
Turn–On Delay Time
(VCC = 30 Vdc, ID = 0 2 Adc)
td(on)
–
20
–
ns
Turn–Off Delay Time
td(off)
–
20
–
ns
1. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2.0%.
2. Switching characteristics are independent of operating junction temperature.
Characteristic
Symbol
Min
Max
Unit
Typ
2008. 1. 28
2/5
FTK138
Revision No : 0
(VDS = 50 Vdc, VGS = 0 Vdc)
(VDS = 25 Vdc, VGS = 0, f = 1 MHz)
(VDS = 25 Vdc, VGS = 0, f = 1 MHz)
(VDG = 25 Vdc, VGS = 0, f = 1 MHz)
–
3.5
–



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com