Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK1012 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK1012
Description  N-Channel 1.8-V (G-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1012 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK1012 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 5Page - First Silicon Co., Ltd FTK1012 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTK1012
2014. 01. 13
1/6
Revision No : 0
SOT-523
ORDERING INFORMATION
Device
Shipping
3000/Tape&Reel
FTK1012
Marking
MARKING DIAGRAM
B = Specific Device Code
M = Month Code
A
1
3
2
A
FEATURES
TrenchFET Power MOSFET: 1.8-V Rated
Gate-Source ESD Protected: 2000 V
High-Side Switching
Low On-Resistance: 0.7Ω
Low Threshold: 0.8 V (typ)
Fast Switching Speed: 10ns
BENEFITS
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
Low Battery Voltage Operation
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
N-Channel 1.8-V (G-S) MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25℃ UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
6
V
TA = 25℃
ID
600
500
TA = 85℃
ID
400
350
mA
Pulsed Drain Current
IDM
1000
mA
Continuous Source Current (diode conduction)
IS
-275
-250
PD
275
250
mW
Maximum Power Dissipation
160
140
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
Notes
d.
Pulse width limited by maximum junction temperature.
e.
Surface Mounted on FR4 Board.
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
Continuous Drain Current (TJ = 150℃)b
TA = 25℃
TA = 85℃
(Top View)
Drain
Gate
3
1
2
Source


Similar Part No. - FTK1012

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK1012C FS-FTK1012C Datasheet
507Kb / 4P
N-Channel Power MOSFET
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
FTK1012SOT883 FS-FTK1012SOT883 Datasheet
333Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
More results

Similar Description - FTK1012

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
28-Feb-05
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
N-Channel 1.8 V (G-S) MOSFET
25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
N-Channel 1.8 V (G-S) MOSFET
15-Apr-13
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com