Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5231-3GDF8 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5231-3GDF8
Description  500 mA, 3.3 V Linear Regulator with Auxiliary Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5231-3GDF8 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5231-3GDF8 Datasheet HTML 1Page - ON Semiconductor CS5231-3GDF8 Datasheet HTML 2Page - ON Semiconductor CS5231-3GDF8 Datasheet HTML 3Page - ON Semiconductor CS5231-3GDF8 Datasheet HTML 4Page - ON Semiconductor CS5231-3GDF8 Datasheet HTML 5Page - ON Semiconductor CS5231-3GDF8 Datasheet HTML 6Page - ON Semiconductor CS5231-3GDF8 Datasheet HTML 7Page - ON Semiconductor CS5231-3GDF8 Datasheet HTML 8Page - ON Semiconductor CS5231-3GDF8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CS5231−3
http://onsemi.com
2
Thermal
Shutdown
VIN
GND
10 k
W
Error
Amp
Current
Limit
Shutdown
AuxDrv
Internal
Bias
VOUT
Figure 1. Block Diagram
-
Bandgap
Reference
50 k
W
VIN UV
Comparator
VREF
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Maximum Operating Junction Temperature
150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
ESD Damage Threshold (Human Body Model)
2.0
kV
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ABSOLUTE MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
VIN
14 V
−0.3 V
100 mA
Internally Limited
Output Voltage
VOUT
6.0 V
−0.3 V
Internally Limited
100 mA
Auxiliary Drive Output
AuxDrv
14 V
−0.3 V
10 mA
50 mA
IC Ground
GND
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com