Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK0102 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK0102
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK0102 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK0102 Datasheet HTML 1Page - First Silicon Co., Ltd FTK0102 Datasheet HTML 2Page - First Silicon Co., Ltd FTK0102 Datasheet HTML 3Page - First Silicon Co., Ltd FTK0102 Datasheet HTML 4Page - First Silicon Co., Ltd FTK0102 Datasheet HTML 5Page - First Silicon Co., Ltd FTK0102 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
I
t
n
e
rr
u
C
e
g
a
k
a
e
L
y
d
o
B
-
e
t
a
G
GSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics (Note 3)
V
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
e
t
a
G
GS(th)
VDS=VGS,ID=250μA
1.2
1.8
2.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1A
-
210
240
mΩ
g
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
d
r
a
w
r
o
F
FS
VDS=5V,ID=1A
1
-
-
S
Dynamic Characteristics (Note4)
C
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
lss
F
P
-
0
9
1
-
C
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
oss
F
P
-
2
2
-
C
e
c
n
a
ti
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
R
rss
VDS=50V,VGS=0V,
F=1.0MHz
-
13
-
PF
Switching Characteristics (Note 4)
t
e
m
i
T
y
a
l
e
D
n
o
-
n
r
u
T
d(on)
S
n
-
6
-
t
e
m
i
T
e
s
i
R
n
o
-
n
r
u
T
r
S
n
-
0
1
-
t
e
m
i
T
y
a
l
e
D
ff
O
-
n
r
u
T
d(off)
S
n
-
0
1
-
t
e
m
i
T
ll
a
F
ff
O
-
n
r
u
T
f
VDD=50V,ID=1.3A,RL=39Ω
VGS=10V,RG=1Ω
-
6
-
nS
Q
e
g
r
a
h
C
e
t
a
G
l
a
t
o
T
g
C
n
2
.
5
-
Q
e
g
r
a
h
C
e
c
r
u
o
S
-
e
t
a
G
gs
C
n
-
5
7
.
0
-
Q
e
g
r
a
h
C
n
i
a
r
D
-
e
t
a
G
gd
VDS=50V,ID=1.3A,
VGS=10V
-
1.4
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=1.3A
-
-
1.2
V
Diode Forward Current (Note 2)
IS
-
-
2
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
FTK0102
2018. 05. 29
2/6
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com