Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280041PMS Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # F280041PMS
Description  TMS320F28004x Microcontrollers
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F280041PMS Datasheet(HTML) 58 Page - Texas Instruments

Back Button F280041PMS Datasheet HTML 54Page - Texas Instruments F280041PMS Datasheet HTML 55Page - Texas Instruments F280041PMS Datasheet HTML 56Page - Texas Instruments F280041PMS Datasheet HTML 57Page - Texas Instruments F280041PMS Datasheet HTML 58Page - Texas Instruments F280041PMS Datasheet HTML 59Page - Texas Instruments F280041PMS Datasheet HTML 60Page - Texas Instruments F280041PMS Datasheet HTML 61Page - Texas Instruments F280041PMS Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 231 page
background image
58
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945E – JANUARY 2017 – REVISED APRIL 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Specifications
Copyright © 2017–2020, Texas Instruments Incorporated
(1)
Brownout events during flash programming can corrupt flash data and permanently lock the device. Programming environments using
alternate power sources (such as a USB programmer) must be capable of supplying the rated current for the device and other system
components with sufficient margin to avoid supply brownout conditions.
Table 5-3. System Current Consumption (DCDC)
over operating free-air temperature range (unless otherwise noted).
TYP : Vnom, 30℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING MODE
IDDIO
VDDIO current consumption during
operational usage
See Section 5.5.1.
52
70
mA
IDDA
VDDA current consumption during
operational usage
12
30
mA
IDLE MODE
IDDIO
VDDIO current consumption while
device is in Idle mode
•
CPU is in IDLE mode
•
Flash is powered down
•
XCLKOUT is turned off
9.2
28
mA
IDDA
VDDA current consumption while
device is in Idle mode
0.9
1.5
mA
HALT MODE
IDDIO
VDDIO current consumption while
device is in Halt mode
•
CPU is in HALT mode
•
Flash is powered down
•
XCLKOUT is turned off
1.7
17
mA
IDDA
VDDA current consumption while
device is in Halt mode
0.2
1.5
mA
FLASH ERASE/PROGRAM
IDDIO
VDDIO current consumption during
Erase/Program cycle(1)
•
CPU is running from Flash,
performing Erase and
Program on the unused
sector.
•
DCDC is enabled.
•
SYSCLK is running at 100
MHz.
•
I/Os are inputs with pullups
enabled.
•
Peripheral clocks are turned
OFF.
60
85
mA
IDDA
VDDA current consumption during
Erase/Program cycle
0.25
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com