Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN2115 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2115
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2115 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2115 Datasheet HTML 1Page - Toshiba Semiconductor RN2115 Datasheet HTML 2Page - Toshiba Semiconductor RN2115 Datasheet HTML 3Page - Toshiba Semiconductor RN2115 Datasheet HTML 4Page - Toshiba Semiconductor RN2115 Datasheet HTML 5Page - Toshiba Semiconductor RN2115 Datasheet HTML 6Page - Toshiba Semiconductor RN2115 Datasheet HTML 7Page - Toshiba Semiconductor RN2115 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN2114
~RN2118
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
RN2114~2118
ICBO
VCB = −50V, IE = 0
―
―
−100
nA
Collector cut-off
current
RN2114~2118
ICEO
―
VCE = −50V, IB = 0
―
―
−500
nA
RN2114
VEB = −5V, IC = 0
−0.35
―
−0.65
RN2115
VEB = −6V, IC = 0
−0.37
―
−0.71
RN2116
VEB = −7V, IC = 0
−0.36
―
−0.68
RN2117
VEB = −15V, IC = 0
−0.78
―
−1.46
Emitter cut-off current
RN2118
IEBO
―
VEB = −25V, IC = 0
−0.33
―
−0.63
mA
RN2114~16
18
50
―
―
DC current gain
RN2117
hFE
―
VCE = −5V,
IC = −10mA
30
―
―
―
Collector-emitter
saturation voltage
RN2114~2118
VCE (sat)
―
IC = −5mA, IB = −0.25mA
―
−0.1
−0.3
V
RN2114
−0.5
―
−2.0
RN2115
−0.6
―
−2.5
RN2116
−0.7
―
−2.5
RN2117
−1.5
―
−3.5
Input voltage (ON)
RN2118
VI (ON)
―
VCE = −0.2V, IC = −5mA
−2.5
―
−10.0
V
RN2114
−0.3
―
−0.9
RN2115
−0.3
―
−1.0
RN2116
−0.3
―
−1.1
RN2117
−0.3
―
−3.0
Input voltage (OFF)
RN2118
VI (OFF)
―
VCE = −5V, IC = −0.1mA
−0.5
―
−5.7
V
Transition frequency
RN2114~2118
fT
―
VCE = −10V, IC = −5mA
―
200
―
MHz
Collector Output
capacitance
RN2114~2118
Cob
―
VCB = −10V, IE = 0,
f = 1MHz
―
3.0
6.0
pF
RN2114
0.7
1.0
1.3
RN2115
1.54
2.2
2.86
RN2116
3.29
4.7
6.11
RN2117
7.0
10.0
13.0
Input resistor
RN2118
R1
―
―
32.9
47.0
61.1
kΩ
RN2114
―
0.1
―
RN2115
―
0.22
―
RN2116
―
0.47
―
RN2117
―
2.13
―
Resistor ratio
RN2118
R1/R2
―
―
―
4.7
―
―



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com