Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN2C60 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SCN2C60
Description  Sensitive Gate Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCN2C60 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SCN2C60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.5
1.0
1.5
2.0
θ = 30
o
θ = 90
o
θ = 60
o
θ = 180
o
θ = 120
o
Average On-State Current [A]
-50
-25
0
25
50
75
100
125
150
1
2
3
4
5
6
7
8
9
10
Junction Temperature [ ]
℃
4/5
SCN2C60
Fig 8. Power Dissipation
Fig 7. Typical Holding Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com