Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280049CPMS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # F280049CPMS
Description  TMS320F28004x Microcontrollers
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F280049CPMS Datasheet(HTML) 2 Page - Texas Instruments

  F280049CPMS Datasheet HTML 1Page - Texas Instruments F280049CPMS Datasheet HTML 2Page - Texas Instruments F280049CPMS Datasheet HTML 3Page - Texas Instruments F280049CPMS Datasheet HTML 4Page - Texas Instruments F280049CPMS Datasheet HTML 5Page - Texas Instruments F280049CPMS Datasheet HTML 6Page - Texas Instruments F280049CPMS Datasheet HTML 7Page - Texas Instruments F280049CPMS Datasheet HTML 8Page - Texas Instruments F280049CPMS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 231 page
background image
2
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945E – JANUARY 2017 – REVISED APRIL 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Device Overview
Copyright © 2017–2020, Texas Instruments Incorporated
• InstaSPIN-FOC™
– Sensorless field-oriented control (FOC) with
FAST™ software encoder
– Library in on-chip ROM memory
• Package options:
– 100-pin Low-profile Quad Flatpack (LQFP)
[PZ suffix]
– 64-pin LQFP [PM suffix]
– 56-pin Very Thin Quad Flatpack No-lead
(VQFN) [RSH suffix]
• Temperature options:
– S: –40°C to 125°C junction
– Q: –40ºC to 125ºC free-air
(AEC Q100 qualification for automotive
applications)
1.2
Applications
•
Medium/short range radar
•
Air conditioner outdoor unit
•
Door operator drive control
•
Automated sorting equipment
•
CNC control
•
Textile machine
•
Welding machine
•
AC charging (pile) station
•
DC charging (pile) station
•
EV charging station power module
•
Wireless vehicle charging module
•
Energy storage power conversion system (PCS)
•
Central inverter
•
Solar power optimizer
•
String inverter
•
DC/DC converter
•
Inverter & motor control
•
On-board (OBC) & wireless charger
•
AC drive control module
•
AC drive power stage module
•
Linear motor power stage
•
Servo drive control module
•
AC-input BLDC motor drive
•
DC-input BLDC motor drive
•
Industrial AC-DC
•
Three phase UPS
•
Merchant network & server PSU
•
Merchant telecom rectifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com